Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H30TBXX Datasheet(PDF) 6 Page - Hind Rectifiers Limited.

Part # H30TBXX
Description  PHASE CONTROL THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIRECT [Hind Rectifiers Limited.]
Direct Link  http://www.hirect.com
Logo HIRECT - Hind Rectifiers Limited.

H30TBXX Datasheet(HTML) 6 Page - Hind Rectifiers Limited.

  H30TBXX Datasheet HTML 1Page - Hind Rectifiers Limited. H30TBXX Datasheet HTML 2Page - Hind Rectifiers Limited. H30TBXX Datasheet HTML 3Page - Hind Rectifiers Limited. H30TBXX Datasheet HTML 4Page - Hind Rectifiers Limited. H30TBXX Datasheet HTML 5Page - Hind Rectifiers Limited. H30TBXX Datasheet HTML 6Page - Hind Rectifiers Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PHASE CONTROL THYRISTOR H30TB/TLXX
Ordering Information: -
H
30
TB / TL
XX
Hirect make Thyristor
IF(AV) = 30A
TB – with a Pigtail
TL – with Lug
VRRM = XX x 100
e.g.12 * 100 =1200V
Hind Rectifiers Ltd reserves the right to change the specifications without
notice.
This datasheet specifies technical information for semiconductor devices but
promises no characteristics. No warranty or guarantee expressed or implied
is made regarding delivery, performance or suitability.
Hind Rectifiers Ltd
Lake Road
Bhandup (West)
Mumbai – 400 078
Tel: - +91 22 2596 8027/28/29/31
Fax: - +91 22 2596 4114
E-mail: - marketing@hirect.com
Website: - www.hirect.com
June-2008
H
HIIN
ND
D R
RE
EC
CT
TIIF
FIIE
ER
RS
S L
LT
TD
D
6 of 6


Similar Part No. - H30TBXX

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
H30TB NAINA-H30TB Datasheet
102Kb / 2P
   Phase Control Thyristors, 25A
More results

Similar Description - H30TBXX

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com