Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ2B4ATTED Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CNZ2B4ATTED
Description  Chip Networks Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CNZ2B4ATTED Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CNZ2B4ATTED Datasheet HTML 1Page - KOA Speer Electronics, Inc. CNZ2B4ATTED Datasheet HTML 2Page - KOA Speer Electronics, Inc. CNZ2B4ATTED Datasheet HTML 3Page - KOA Speer Electronics, Inc. CNZ2B4ATTED Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. P lease confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
PAGE 2 OF 4
SS-208 R5
5.1 Voltage Rating
Resistors shall have a rated direct current (DC) continuous working voltage or approximate sine wave
root mean square (R.M.S.) continuous working voltage at commercial line frequency and wave form
corresponding the power rating as determined from the following formula:
However, if the rated voltage thus obtained
surpasses the specified maximum working
voltage, it shall be considered
the rated voltage.
4. Standard Applications
Part
Designation
Operating
Temperature
Range
Current Rating
@ 70°C
(Per Element)
Surge Current
Rating
(For < 1 Sec.)
Maximum
Resistance
0.5 Amps
2.0 Amps
50mΩ
-55°C to +125°C
CNZ1J4A
1.0 Amps
4.0 Amps
CNZ2B4A
Absolute
Maximum
Working
Voltage
Resistance
Range
E-24
(J±5%)
Resistance
Range
E-96
(F±1%)
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
Max.
CN1J4A
1/16W (.063W)
50V
200V
100V
400V
-55°C to +125°C
±200:≥10Ω
±400:R<10Ω
10 - 100kΩ
1Ω - 1MΩ
CN2B4A
1/8W (.125W)
10Ω - 1MΩ
–––
5. Environmental Applications
For temperature in excess of 70°C, the load shall be derated in accordance with the following figure.
Derating Curve
Surface Temperature Rise
100
80
60
40
20
70
125
Ambient Temperature
(
°C)
0
0-55
60
50
40
30
20
1/32
1/16
1/10
1/8
(W) Power
0
0
10
CN1J4A
CN2B4A
Where,
E = Rated voltage (V)
P = Power rating (W)
R = Nominal resistance (Ω)
E =
P x R
SS-208 R4
5/24/07
10:26 AM
Page 2


Similar Part No. - CNZ2B4ATTED

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNZ2B4ATTE KOA-CNZ2B4ATTE Datasheet
259Kb / 2P
   zero ohm jumper resistor array
More results

Similar Description - CNZ2B4ATTED

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNB2B9Z KOA-CNB2B9Z Datasheet
113Kb / 4P
   Chip Networks Resistors
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
logo
Rohm
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com