Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF16SN Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # TF16SN
Description  thin film chip fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TF16SN Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  TF16SN Datasheet HTML 1Page - KOA Speer Electronics, Inc. TF16SN Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TF
thin film chip fuse
features
Small, lightweight design
Special manufacturing method stabilizing fusing
characteristics and occupying less area
Low power consumption and less voltage drop
due to low internal resistance
Suitable for overcurrent protection of circuit block
in electronic devices
Suitable for flow and reflow soldering
Marking: Black body color with white marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
TF
N: Normal blow
T: Anti pulse
(16A only)
Reference
rating chart
10B: 1.0x0.5mm
16A: 1.6x0.8mm
16S: 1.6x0.8mm
Type
Size
Fusing
Characteristic
New Part #
16S
TE
N
T: Sn
Termination
Material
T
Rated
Current
1.25
For further information on packaging, please refer to Appendix A.
TB: 2mm pitch punched paper
(TF10BN only,
10,000 pieces/reel)
TD: 4mm pitch punched paper
(TF16 only, 5,000 pieces/reel)
Packaging
dimensions
and construction
L
c
W
t
d
c
Protective
Coating
Inner
Electrode
Sn
Plating
Cu/Ni
Plating
Fuse
Element
Ceramic
Substrate
Type
L
.018±.002
(0.45±0.05)
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
.031±.003
(0.8±0.08)
.063±.004
(1.6±0.1)
TF16AT
(0603)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
.015±.002
(0.4±0.05)
.01±.004
(0.25±0.1)
.008±.004
(0.2±0.1)
.02±.002
(0.5±0.05)
.04±.004
(1.0±0.1)
TF10BN
(0402)
.015+ +.004
-.002
(0.4+ +0.1 )
-0.05
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
TF16SN
(0603)
2.50A
Fusing
Time
Internal R.
Maximum
(m
Ω)
Rated
Voltage
Rated
Ambient
Temperature
Operating
Temperature
Range
Part
Designation
Marking
applications and ratings
Rated
Current
TF10BN0.50
F
0.50A
320
200
135
115
90
58
42
35
TF10BN0.63
I
0.63A
TF10BN0.80
K
0.80A
TF10BN1.00
L
1.00A
TF10BN1.25
M
1.25A
TF10BN1.60
N
1.60A
TF10BN2.00
S
2.00A
TF10BN2.50
T
Open within
5 sec. at 200%
rated current
(Refer to Fusing
Characteristics
graph)
24V
+70°C
-55°C
to
+125°C
TF10BN0.315
D
0.315A
850
498
384
198
TF16AT0.25
C
0.25A
TF16AT0.315
D
0.315A
TF16AT0.50
F
0.50A
Open within
5 sec. at 200%
rated current
(Refer to Fusing
Characteristics
graph)
32V
+70°C
-55°C
to
+125°C
TF10BN0.25
C
0.25A
1270
TF10BN0.20
A
0.20A
1990
143
120
94
73
TF16AT0.63
I
0.63A
TF16AT0.80
K
0.80A
TF16AT1.00
L
1.00A
TF16AT1.25
M
1.25A
59
TF16AT1.60
N
1.60A
EU
TF16AT2.00
S
2.00A
42
TF16AT2.50
T
2.50A
32
183
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/06/09
1733 Reader's Spreads pg1-203:document
1/27/09
4:17 PM
Page 181


Similar Part No. - TF16SN

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
Mitsubishi Electric Sem...
TF16SN3.15T MITSUBISHI-TF16SN3.15T Datasheet
635Kb / 22P
   5.7”VGA
Dec.26,11
More results

Similar Description - TF16SN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com