Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV73BL1HTTBM Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # NV73BL1HTTBM
Description  metal oxide varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NV73BL1HTTBM Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  NV73BL1HTTBM Datasheet HTML 1Page - KOA Speer Electronics, Inc. NV73BL1HTTBM Datasheet HTML 2Page - KOA Speer Electronics, Inc. NV73BL1HTTBM Datasheet HTML 3Page - KOA Speer Electronics, Inc. NV73BL1HTTBM Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
190
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/07/09
––
800
1000
NV73B2JTTE39
39 (35.1 - 42.9)
65
3.7
25.0
30.0
NV73B2JTTE47
47 (42.3 - 51.7)
77
4.2
30.0
38.0
NV73B2JTTE56
56 (50.4 - 61.6)
90
4.2
35.0
45.0
NV73A2LTTE12
12 (10.2 - 13.8)
28
1.9
6.0
9.0
NV73A2LTTE15
15 (12.8 - 17.3)
33
2.3
8.0
11.0
NV73A2LTTE18
18 (16.2 - 19.8)
36
2.7
11.0
14.0
NV73A2LTTE22
22 (19.8 - 24.2)
41
2.9
12.0
16.5
NV73A2LTTE24
24 (21.6 - 26.4)
45
3.1
14.0
18.0
NV73A2LTTE27
27 (24.3 - 29.7)
48
3.8
17.0
22.0
NV73A2LTTE33
33 (29.7 - 36.3)
57
4.3
20.0
26.0
NV73A2LTTE39
39 (35.1 - 42.9)
65
5.5
25.0
30.0
NV73A2LTTE47
47 (42.3 - 51.7)
77
NV73A2LTTE56
56 (50.4 - 61.6)
90
NV73A2LTTE68
68 (61.2 - 74.8)
110
NV73A2LTTE100
100 (90 - 110)
165
NV73A2LTTE110
110 (99 - 121)
180
1000
1200
6.3
7.7
8.8
6.8
6.8
-50°C
to
+125°C
-50°C
to
+150°C
30.0
38.0
35.0
45.0
40.0
56.0
60.0
85.0
70.0
90.0
NV73B2LTTE15
15 (12.8 - 17.3)
33
4.2
8.0
11.0
NV73B2LTTE18
18 (15.3 - 20.7)
36
5.4
11.0
14.0
NV73B2LTTE22
22 (19.8 - 24.2)
41
5.8
12.0
16.5
NV73B2LTTE24
24 (21.6 - 26.4)
45
5.8
14.0
18.0
NV73B2LTTE27
27 (24.3 - 29.7)
48
7.2
17.0
22.0
NV73B2LTTE33
33 (29.7 - 36.3)
57
7.8
20.0
26.0
NV73B2LTTE39
39 (35.1 - 42.9)
65
9.6
25.0
30.0
NV73B2LTTE47
47 (42.3 - 51.7)
77
12.0
30.0
38.0
NV73B2LTTE56
56 (50.4 - 61.6)
90
7.7
35.0
45.0
NV73B2LTTE82
82 (73.8 - 90.2)
135
5.6
50.0
65.0
applications and ratings (continued)
Part
Designation
Reference Varistor
Voltage @ 1mA
nom. (Range)
Vc
Maximum
Peak Current
IP (A) @ 8/20
microsecond
(2 pulses)
Maximum
Energy
E
(J)
Maximum
Allowable
Voltage
a.c rms (V)
Maximum
Allowable
Voltage
d.c (V)
Operating
Temp.
Topt (°C)
Storage
Temp.
Tstg (°C)
Clamping
Voltage
VP
IP
NV73
metal oxide varistor
Maximum allowable voltage - the maximum sinusoidal RMS voltage or maximum DC voltage which can be applied continuously
E:
Maximum energy - the maximum energy within the varistor voltage change of ±10% when a single impulse of 2m sec. is applied
IP:
Maximum peak current - the maximum peak current within the varistor voltage change of ±10% when a single standard impulseof 8/20µ sec. is applied two times with an interval of 5 min.
Topt: Operating temperature - Ambient temperature range when the device is operating
Tstg: Storage temperature - Temperature range without causing the device any failure
Performance Characteristics
Parameter
Requirement
Test Method
Rapid Change of Temperature
Solderability
-40°C (30 minutes), +125°C (30 minutes), 30 cycles; 5 cycles***
230°C ± 5°C, 4 seconds ± 1 second; 235°C ± 5°C, 4 seconds ± 1 second***
±10%
95% coverage minimum
±10%
Varistor Voltage
Voltage between terminals when 1mA is flowed
Within specified tolerance
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 0.5 second*; 270°C ± 5°C, 3 seconds ± 0.5 second**;
260°C ± 5°C, 4 seconds ± 1 second***
±10%
Maximum Peak Current
A single standard impulse of 8/20µ seconds, positive/negative applied once each;
A single standard impulse of 8/20µ seconds, 100pluse, 30 second interval***
±10%
Maximum Energy
A single standard impulse of 10/1000µs, once*; A single standard impulse of 2ms, once**;
A single standard impulse of 10/1000µs, 100pluse, 90 second interval***
±10%
High Temperature Life with d.c. Bias
85°C ± 5°C, 1000h, Load: Maximum allowable circuit voltage (d.c.);
125°C ± 5°C, 1000h, Load: Maximum allowable circuit voltage (d.c.)***
±10%
High Temperature & High
Humidity Life with d.c. Bias
40°C ± 5°C, 95% RH, 500h, Load: Maximum allowable voltage (d.c.)
Low Temperature Life with d.c. Bias***
-50°C ± 5°C, 1000h, Load: Maximum allowable circuit voltage (d.c.)
±10%
High Temperature Life with a.c. Bias**
85°C ± 5°C, 1000h, Load: Maximum allowable circuit voltage (Va.c.r.m.s.)
±10%
High Temperature Storage Life
125°C ± 5°C, 1000h; 150°C ± 5°C, 1000h***
±10%
Capacitance*
1kHz: Others, 1MHz: Varistor voltage 120V
Typical
Low Temperature Storage Life
-40°C ± 5°C, 1000h; -50°C ± 5°C, 1000h***
±10%
environmental applications
For Voltage Current Curves Graphs see Terms & Definitions. Additional environmental applications can also be found at www.koaspeer.com
* 1H, 1E
** 1J, 2A, 2B
*** 2E, 2J, 2L
1733 Reader's Spreads pg1-203:document
1/27/09
4:27 PM
Page 188


Similar Part No. - NV73BL1HTTBM

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73B1JTTE18 KOA-NV73B1JTTE18 Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
NV73B1JTTE8R2 KOA-NV73B1JTTE8R2 Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
NV73B2ATTE12 KOA-NV73B2ATTE12 Datasheet
503Kb / 4P
   metal oxide varistor
NV73B2ATTE15 KOA-NV73B2ATTE15 Datasheet
503Kb / 4P
   metal oxide varistor
NV73B2ATTE18 KOA-NV73B2ATTE18 Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
More results

Similar Description - NV73BL1HTTBM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com