Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN1J8KTTD Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # CN1J8KTTD
Description  Flat Chip Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN1J8KTTD Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  CN1J8KTTD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN1J8KTTD Datasheet HTML 2Page - KOA Speer Electronics, Inc. CN1J8KTTD Datasheet HTML 3Page - KOA Speer Electronics, Inc. CN1J8KTTD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5.1 Voltage Rating
Resistors shall have a rated direct current (DC)
continuous working voltage or an approximate
sine wave root mean square (RMS) alternating
current (AC) continuous working voltage at
a commercial line frequency and wave form
corresponding to the power rating, as determined
from the following formula:
In no case shall the rated DC or RMS AC
continuous working voltage be greater
than the applicable maximum value.
SS-242 R7
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 4
KOA SPEER ELECTRONICS, INC.
Item
Requirement
Test Method
Temperature
Within specified limits
JIS C 5202 5.2B
Coefficient
-55°C ~ +125°C
Short-time
±(2.0% +0.1Ω)
JIS C 5202 5.5A
Overload
No visual damage
Rated voltage x 2.5
Resistance to
±(1.0% +0.1Ω)
JIS C 5202 6.4
Soldering Heat
260°C ± 5°C 10 sec. ± 1 sec.
Solderability
More than 75% of the surface of electrode
JIS C 5202 6.5
shall be covered with new solder
230°C ± 5°C 2 sec. ± 0.5 sec.
Temperature
±(1.0% +0.1Ω)
JIS C 5202 7.4
Cycling
No mechanical damage
5 cycles of the change in temp. given
in the following steps
Step 1: -55°C ± 3°C / 30 minutes
Step 2: Normal temp. 10 min. to 15 min.
Step 3: +125°C ± 3°C / 30 minutes
Step 4: Normal temp. 10 min. to 15 min.
Heat
±(1.0% +0.1Ω)
JIS C 5202 7.2
Resistance
125°C ± 2°C 1000 Hr
Endurance
±(5.0% +0.1Ω)
JIS C 5202 7.9
(Moisture Load)
40°C ± 2°C / 90 ~ 95% RH
rated voltage 1000 Hr ±
Hr
Endurance
±(5.0% +0.1Ω)
JIS C 5202 7.10
(Rated Load)
70°C ± 2°C
rated voltage 1000 Hr ±
Hr
6. Characteristics
Where, E = Rated voltage (V)
P = Power rating (W)
R = Nominal resistance (Ω)
E =
P x R
4.8
0
4.8
0


Similar Part No. - CN1J8KTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J8KTTD101F KOA-CN1J8KTTD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1J8KTTD101F KOA-CN1J8KTTD101F Datasheet
257Kb / 2P
   convex termination with square corners resistor array
CN1J8KTTD101J KOA-CN1J8KTTD101J Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1J8KTTD101J KOA-CN1J8KTTD101J Datasheet
257Kb / 2P
   convex termination with square corners resistor array
CN1J8KTTDD101F KOA-CN1J8KTTDD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
More results

Similar Description - CN1J8KTTD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
logo
KOA Speer Electronics, ...
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
   flat chip resistor
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com