Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV73CL2ATTBM Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # NV73CL2ATTBM
Description  metal oxide varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NV73CL2ATTBM Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  NV73CL2ATTBM Datasheet HTML 1Page - KOA Speer Electronics, Inc. NV73CL2ATTBM Datasheet HTML 2Page - KOA Speer Electronics, Inc. NV73CL2ATTBM Datasheet HTML 3Page - KOA Speer Electronics, Inc. NV73CL2ATTBM Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PMS 300 neg.
Black neg.
NV73
metal oxide varistor
2A
2A
30
50
40
70
-40°C
to
+85°C
-40°C
to
+125°C
NV73B2BTTE8R2
8.2 (6.8 - 9.8)
16
0.03
4.2
6.0
NV73B2BTTE12
12 (10 - 14.4)
22
0.07
6.1
8.6
NV73B2BTTE15
15 (12.5 - 18)
28
0.09
7.6
10.8
NV73B2BTTE18
18 (16 - 20)
32
0.1
9.1
12.8
NV73B2BTTE20
20 (18 - 22)
35
0.11
10.6
15.0
NV73B2BTTE22
22 (19 - 24)
40
0.12
12.0
16.5
NV73B2BTTE24
24 (21.8 - 26.5)
42
0.14
14.0
18.0
NV73B2BTTE27
27 (25 - 32)
52
0.16
17.0
22.0
NV73C2BTTE8R2
8.2 (6.8 - 9.8)
15
0.06
4.2
6.0
NV73C2BTTE12
12 (10 - 14.4)
21
0.1
6.1
8.6
NV73C2BTTE15
15 (12.5 - 18)
27
0.13
7.6
10.8
NV73C2BTTE18
18 (16 - 20)
29
0.15
9.1
12.8
NV73C2BTTE20
20 (18 - 22)
31
0.17
10.6
15.0
NV73C2BTTE22
22 (19 - 24)
35
0.19
12.0
16.5
NV73C2BTTE24
24 (21.8 - 26.5)
38
0.2
14.0
18.0
NV73C2BTTE27
27 (25 - 32)
48
0.24
17.0
22.0
NV73A2ETTE15
15 (12.8 - 17.3)
30
NV73A2ETTE18
18 (15.3 - 20.7)
34
NV73A2ETTE22
22 (19.8 - 24.2)
39
NV73A2ETTE24
24 (21.6 - 26.4)
39
NV73A2ETTE27
27 (24.3 - 29.7)
44
––
400
200
250
1.0
1.2
1.4
1.4
1.7
500
-50°C
to
+125°C
-50°C
to
+150°C
8.0
11.0
11.0
14.0
12.0
16.5
14.0
18.0
17.0
22.0
NV73A2ETTE33
33 (29.7 - 36.3)
54
1.9
20.0
26.0
NV73A2ETTE39
39 (35.1 - 42.9)
65
1.7
25.0
30.0
NV73A2ETTE47
47 (42.3 - 51.7)
77
2.0
30.0
38.0
NV73A2ETTE56
56 (50.4 - 61.6)
90
2.0
35.0
45.0
NV73A2ETTE82
82 (73.8 - 90.2)
135
1.2
50.0
65.0
NV73A2ETTE100
100 (90.0 - 110.0)
165
1.4
60.0
85.0
NV73A2ETTE110
110 (99.0 - 121.0)
180
1.4
70.0
90.0
NV73A2JTTE12
12 (10.2 - 13.8)
27
0.9
6.0
9.0
NV73A2JTTE15
15 (12.8 - 17.3)
32
1.2
8.0
11.0
NV73A2JTTE18
18 (16.2 - 19.8)
35
1.4
11.0
14.0
NV73A2JTTE22
22 (19.8 - 24.2)
41
1.6
12.0
16.5
NV73A2JTTE24
24 (21.6 - 26.4)
44
1.7
14.0
18.0
NV73A2JTTE27
27 (24.3 - 29.7)
49
2.0
17.0
22.0
NV73A2JTTE33
33 (29.7 - 36.3)
54
2.5
20.0
26.0
NV73A2JTTE39
39 (35.1 - 42.9
65
2.9
25.0
30.0
NV73A2JTTE47
47 (42.3 - 51.7)
77
3.5
30.0
38.0
NV73A2JTTE56
56 (50.4 - 61.6
90
4.2
35.0
45.0
NV73A2JTTE68
68 (61.2 - 74.8)
110
4.8
40.0
56.0
applications and ratings (continued)
Part
Designation
Reference Varistor
Voltage @ 1mA
nom. (Range)
Vc
Maximum
Peak Current
IP (A) @ 8/20
microsecond
(2 pulses)
Maximum
Energy
E
(J)
Maximum
Allowable
Voltage
a.c rms (V)
Maximum
Allowable
Voltage
d.c (V)
Operating
Temp.
Topt (°C)
Storage
Temp.
Tstg (°C)
Clamping
Voltage
VP
IP
NV73A2JTTE82
82 (73.8 - 90.2)
135
NV73A2JTTE100
100 (90 - 110)
165
NV73A2JTTE110
110 (99 - 121)
180
NV73A2JTTE150
150 (135 - 165)
248
NV73B2JTTE15
15 (12.8 - 17.3)
32
400
300
800
4.5
5.8
5.8
5.8
1.8
50.0
65.0
60.0
85.0
70.0
90.0
95.0
127.0
8.0
11.0
NV73B2JTTE18
18 (15.3 - 20.7)
35
1.9
11.0
14.0
NV73B2JTTE22
22 (19.8 - 24.2)
41
2.3
12.0
16.5
NV73B2JTTE24
24 (21.6 - 26.4)
44
2.3
14.0
18.0
NV73B2JTTE27
27 (24.3 - 29.7)
49
2.7
17.0
22.0
NV73B2JTTE33
33 (29.7 - 36.3)
54
3.0
20.0
26.0
189
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/06/09
1733 Reader's Spreads pg1-203:document
1/27/09
4:24 PM
Page 187


Similar Part No. - NV73CL2ATTBM

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73C1JTTE18 KOA-NV73C1JTTE18 Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
NV73C1JTTE8R2 KOA-NV73C1JTTE8R2 Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
NV73C2ATTE12 KOA-NV73C2ATTE12 Datasheet
503Kb / 4P
   metal oxide varistor
NV73C2ATTE15 KOA-NV73C2ATTE15 Datasheet
503Kb / 4P
   metal oxide varistor
NV73C2ATTE18 KOA-NV73C2ATTE18 Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
More results

Similar Description - NV73CL2ATTBM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com