Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNB2B10ZTTD Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CNB2B10ZTTD
Description  Chip Networks Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CNB2B10ZTTD Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CNB2B10ZTTD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CNB2B10ZTTD Datasheet HTML 2Page - KOA Speer Electronics, Inc. CNB2B10ZTTD Datasheet HTML 3Page - KOA Speer Electronics, Inc. CNB2B10ZTTD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 OF 4
SS-217 R2
KOA SPEER ELECTRONICS, INC.
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. P lease confir m technical specifications before you order and/or use.
3. Type Designation
The type designation shall be the following form:
Size
Tolerance
Nominal
Resistance
1J
2A
2B
2E
J: ±5%
2 significant
figures + 1
multiplier
2B
J
103
Packaging
TD: 7" Paper Taping
TE: 7" Embossed
Taping
TE
Termination
Material
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
T
CNB
Elements
5
9
10
9
Circuit
Symbol
K: for
CND1J10K
V: Reverse
common
electrode
Y: Side
electrode
type
Z: for CNB
Z
Type
CNB
CND
4. Circuit Construction
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
Resistance
Range
E-3*, E-12**
Part
Designation
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
Max.
CNB2B9Z
50V
100V
-55°C to +125°C
±200
1KΩ - 470KΩ*J: ±5%
CNB2E5Z
1/16W (.063W)
* E-3 significant figures (per decade) are 1.0, 2.2 and 4.7.
** E-12 CND only
5. Standard Applications
CND1J10K
CND1J10Y
CND2A10Y
63mW
50mW
32mW
25V
50V
50V
100V
-55°C to +125°C
±200
47Ω - 39kΩ**
22Ω - 39KΩ**
100Ω - 100KΩ**
J: ±5%
CND2B10V
CND2B10
R
R
R
R
5
4
1
23
CNB2E5Z
R
R
R
R
R
R
R
R
9
87
6
1
23
4
5
CNB2B9Z
103
R
R
R
R
R
R
R
R
10
12
34
5
987
6
CND1J10VK
R
R
R
R
R
R
R
R
10
12
34
5
987
6
R
R
R
R
R
R
R
23
4
5
10
9
8
7
R
16
R
R
R
R
R
R
R
R
10
12
34
5
987
6
CND1J10K
CND1J10Y, CND2A10Y
CND2B10V
R
R
R
R
R
R
R
R
10
12
34
5
987
6
CND2B10
103
103
103
103
SS-217 R2
6/4/07
1:29 PM
Page 2


Similar Part No. - CNB2B10ZTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNB2B5ZT103J KOA-CNB2B5ZT103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
logo
List of Unclassifed Man...
CNB2B9Z ETC1-CNB2B9Z Datasheet
465Kb / 4P
   Manufactured to type RM Standards
logo
KOA Speer Electronics, ...
CNB2B9ZT103J KOA-CNB2B9ZT103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
CNB2B9ZTTE103J KOA-CNB2B9ZTTE103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
More results

Similar Description - CNB2B10ZTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J4AT KOA-CN1J4AT Datasheet
90Kb / 4P
   Chip Networks Resistors
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
logo
Rohm
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com