Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBA1J4ATTE121P Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # FBA1J4ATTE121P
Description  ferrite bead array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

FBA1J4ATTE121P Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  FBA1J4ATTE121P Datasheet HTML 1Page - KOA Speer Electronics, Inc. FBA1J4ATTE121P Datasheet HTML 2Page - KOA Speer Electronics, Inc. FBA1J4ATTE121P Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
260
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/01/07
FBA
ferrite bead array
environmental applications (continued)
Performance Characteristics
Parameter
Terminal Strength
(hanging test)
Appearance: The terminal electrode shall not break
off, nor shall there be damage to the body.
Type:
W(kgf):
Time:
1206
1.5
30 seconds ± 2 seconds
Terminal Strength
(push test)
Appearance: There shall be no evidence of
mechanical degradations to terminals or body.
Type:
W(kgf):
Time:
1206
2.3
60 seconds
Solvent Resistance
Change in Impedance: Relative to value before
test ±10%
Cleaning by:
Washer: Ultrasonic washer (100W)
Solvent: Isopropyl alcohol
Time: 3 minutes
Insulation Resistance
Insulation Resistance: Min. 1G ohms
Requirement
Test Method
Bending Strength
Appearance: There shall be no physical
or mechanical damage.
Impedance: Relative to initial value
before test ±10%
Board: 90 x 40 x 1.6mm
Bend: 1mm
Time: 5 sec
Mechanical Shock
Appearance: There shall be no physical
or mechanical damage.
Impedance: Relative to initial value
before test ±10%
Force: 50G
Time: 11 msec
There shall be 3 shocks in each of 6 directions
(18 shocks total)
Vibration
Impedance: Relative to initial value ±10%
Only endurance conditioning by sweeping shall
be made. The entire frequency range from
10 - 2,000 Hz, return to 10 Hz in 20 minutes
(this will constitute one cycle).
Amplitude: 15G
The test shall have a 15G peak and shall be
applied for a period of 4 hours (12 cycles) in each
of 3 mutually perpendicular directions (a total of
36 cycles within a total of 12 hours).
Thermal Shock
Appearance: There shall be no physical
or mechanical damage.
Impedance: Relative to initial value ±20%
DCR: The DCR shall not exceed initial specified value.
Testing of the parts will be made at 0 hours, 250
hours and 500 hours. Before testing, the parts shall
be allowed to cool to room temperature for 24 hours.
Step:
Temperature:
Time:
1-start
-40°C ± 2°C
2-hold
-40°C ± 2°C
30 minutes ± 5 minutes
3-transfer
0.5 minutes maximum
4-hold
±105°C ± 2°C
30 minutes ± 5 minutes
5-transfer
0.5 minutes maximum
Steps 1 thru 5 constitute one complete cycle and the
test shall consist of a total of 500 cycles.
Load Humidity
Appearance: There shall be no physical
or mechanical damage.
Impedance: Relative to initial value ±15%
Measurements shall be taken at 0 hours, 250 hours,
500 hours and 1,000 hours and shall meet the
conditions stated above.
Temperature: ±85°C ± 2°C
Relative Humidity: 85%
Time: 1,000 hours total
Apply: 100% rated current
Life Test
Appearance: There shall be no physical
or mechanical damage.
Impedance: Relative to initial value ±15%
Measurements shall be taken at 0 hours, 250 hours,
500 hours and 1,000 hours and shall meet the
conditions stated above.
Temperature: ±85°C ± 2°C
Time: 1,000 hours total
Apply: 100% rated current
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:59 PM
Page 65


Similar Part No. - FBA1J4ATTE121P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
FBA1J4ATTE300P KOA-FBA1J4ATTE300P Datasheet
111Kb / 8P
   Multilayer Ferrite Chip Bead Array
More results

Similar Description - FBA1J4ATTE121P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
   Chip Array Ferrite Bead
Revision: 16-Jan-06
logo
KOA Speer Electronics, ...
FBA1J4AL KOA-FBA1J4AL Datasheet
111Kb / 8P
   Multilayer Ferrite Chip Bead Array
logo
TAI-TECH Advanced Elect...
FCA3216 TAI-TECH-FCA3216 Datasheet
78Kb / 2P
   Ferrite Chip Bead Array(Lead Free)
BPH403025R5-530T TAI-TECH-BPH403025R5-530T Datasheet
180Kb / 2P
   Ferrite Bead
logo
XFMRS Inc.
XFRH35X75X08 XFMRS-XFRH35X75X08 Datasheet
28Kb / 1P
   Ferrite Bead
logo
TAI-TECH Advanced Elect...
BPH853025R5-101T TAI-TECH-BPH853025R5-101T Datasheet
186Kb / 2P
   Ferrite Bead
logo
XFMRS Inc.
XF4545Z131R-01 XFMRS-XF4545Z131R-01 Datasheet
41Kb / 1P
   FERRITE BEAD
logo
TAI-TECH Advanced Elect...
BPH323023W5-400T TAI-TECH-BPH323023W5-400T Datasheet
189Kb / 2P
   Ferrite Bead
logo
Socay Electornics Co., ...
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21PG221SN1D MURATA-BLM21PG221SN1D Datasheet
123Kb / 4P
   Chip Ferrite Bead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com