Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFC1410 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # HFC1410
Description  High Frequency Ceramic Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1410 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  HFC1410 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 5Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 6Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 7Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 8Page - KOA Speer Electronics, Inc. HFC1410 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
8. Self Resonant Frequency (SRF) vs. Capacitance Value
0.1
Capacitance (pF)
110
1
100
10
HFC1410, 1608, 1610,
1612, series
Type: HFC1612VT1R0R05M50 (1.0 pF)
500
Frequency (MHz)
Q vs. Frequency
1000
1800
1
10
100
1000
10,000
500
Frequency (MHz)
ESR vs. Frequency
1000
1800
0.01
0.1
5
1
SS-226 R3
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
PAGE 4 OF 9
KOA SPEER ELECTRONICS, INC.
6. Standard Specifications Cont.
Ordering
Code
HFC1610VTR60
HFC1610VTR65
HFC1610VTR70
HFC1610VTR75
HFC1610VTR80
HFC1610VTR85
HFC1610VTR90
HFC1612VTR95
HFC1612VT1R0
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Capacitance
(pF)
Tolerance
Code
(pF)
Material
Code
Rated
Voltage
DC(V)
±0.03
±0.05
±0.05
50
50
V
V
Operating
Temp.
Range
-55°C
to
125°C
-55°C to 125°C


Similar Part No. - HFC1410

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1410BTTDR10 KOA-HFC1410BTTDR10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
HFC1410BTTER10 KOA-HFC1410BTTER10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
HFC1410CTTDR10 KOA-HFC1410CTTDR10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
HFC1410CTTER10 KOA-HFC1410CTTER10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
HFC1410GTTDR10 KOA-HFC1410GTTDR10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
More results

Similar Description - HFC1410

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1005 KOA-HFC1005 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
logo
Murata Manufacturing Co...
GQM1885C2A3R6CB01 MURATA-GQM1885C2A3R6CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR10BB01 MURATA-GQM1885C2AR10BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR40BB01 MURATA-GQM1885C2AR40BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR50BB01 MURATA-GQM1885C2AR50BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR75BB01 MURATA-GQM1885C2AR75BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C2A3R9CB01 MURATA-GQM2195C2A3R9CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A4R7WB01 MURATA-GQM1885C2A4R7WB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H330GB01 MURATA-GQM2195C1H330GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H101GB01 MURATA-GQM2195C1H101GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com