Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC1JTTD350P8N0L Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KC1JTTD350P8N0L
Description  three-terminal inductor/capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC1JTTD350P8N0L Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KC1JTTD350P8N0L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC1JTTD350P8N0L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC1JTTD350P8N0L Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
features
Compact physical dimensions
Excellent wave reduction control
Exceptional EMI attenuation
Excellent as impedance matching for signal lines
Marking: Brown and black body color
with no marking (1J & 2AF)
White and black body color (2A & 2B)
Products with lead-free terminations meet
EU RoHS requirements
KC
three-terminal inductor/capacitor
dimensions and construction
L
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
N/A
.031±.008
(0.8±0.2)
.016±.012
(0.4±0.3)
.012±.008
(0.3±0.2)
Wt
g
e
f
Dimensions inches
(mm)
2AF
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
.02±.006
(0.25±0.15)
.063±.008
(1.6±0.2)
.016±.008
(0.4±0.2)
.004 Min.
(0.1 Min.)
2A
Size
W
t
L
e
g
f
e
W
t
L
e
g
f
e
W
t
L
e
g
f
e
1J &
2AF
2A
2B
TD: 7" paper tape
(1J & 2AF only -
4,000 pieces/reel)
TE: 7" embossed plastic
(2A only -
2,000 pieces/reel)
(2B only -
1,500 pieces/reel)
ordering information
6.5nH
1J
2AF
2A
2B
M: ±20%
N: ±30%
P: ±25%
T: Sn
L: ±15%
KC
2AF
N
T
Capacitance
Tolerance
Type
Size
Inductance
Value (nH)
Inductance
Tolerance
Termination
Material
Packaging
New Part #
TE
6N5
L
2 significant
digits + no.
of zeros
120
Capacitance
Value (pF)
For further information on packaging,
please refer to Appendix A.
.062±.008
(1.6±0.2)
.031±.008
(0.8±0.2)
N/A
.024±.008
(0.6±0.2)
.016±.008
(0.4±0.2)
.008±.006
(0.2±0.15)
1J
EU
.126±.012
(3.2±0.3)
.063±.012
(1.6±0.3)
.004 Min.
(0.1 Min.)
.098±.012
(2.5±0.3)
.031±.012
(0.8±0.3)
.004 Min.
(0.1 Min.)
2B
279
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08


Similar Part No. - KC1JTTD350P8N0L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC1JTTD350P8N0L KOA-KC1JTTD350P8N0L Datasheet
116Kb / 8P
   Noise Filters
More results

Similar Description - KC1JTTD350P8N0L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
logo
KOA Speer Electronics, ...
KGM0805C KOA-KGM0805C Datasheet
115Kb / 8P
   Three Termination Capacitor
logo
Rohm
BA178XXT ROHM-BA178XXT Datasheet
244Kb / 6P
   Three-Terminal Regulator
logo
MORNSUN Science& Techno...
T6650L MORNSUN-T6650L Datasheet
250Kb / 3P
   Three-terminal isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com