Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV73AL2LTTP Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # NV73AL2LTTP
Description  metal oxide varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NV73AL2LTTP Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  NV73AL2LTTP Datasheet HTML 1Page - KOA Speer Electronics, Inc. NV73AL2LTTP Datasheet HTML 2Page - KOA Speer Electronics, Inc. NV73AL2LTTP Datasheet HTML 3Page - KOA Speer Electronics, Inc. NV73AL2LTTP Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TBM: 2mm press paper
(1H: 15,000 pieces/reel)
TP: 2mm pitch paper
(1E: 10,000 pieces/reel)
TE: 7" embossed plastic
(1J, 2A, 2B: 2,500
pieces/reel;
2J, 2L: 1,000 pieces/reel
2E: 2,000 pieces/reel)
T: Sn
A
B
C
1H: 0201
1E: 0402
1J: 0603
2A: 0805
2B: 1206
2E: 1210
2J: 1812
2L: 2220
NV73
metal oxide varistor
features
Multilayer structure
High surge current
Protector against static electricity,
switching and incoming surges
Marking: Black body color with no marking
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and varistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
ordering information
NV73
Type
Energy
Code
Size
A
L: Low
Capacitance
(1E only)
Capacitance
Type
L
TE
1J
Varistor
Voltage
8R2
Termination
Material
T
Packaging
dimensions and construction
W
t
L
d
d
Protective
Coating
Solder
Plating
L
.063±.006
(1.6±0.15)
.031±.006
(0.8±0.15)
.031±.006
(0.8±0.15)
.051 max.
(1.3 max.)
Wt
d
Dimensions inches
(mm)
Type
1J
(0603)
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
.02±.010
(0.5±0.25)
.065 max.
(1.65 max.)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
2A
(0805)
2B
(1206)
(Inch Size Code)
.016 +.006
-.008
(0.4 +0.15)
-0.2
.02 +.014
-.010
(0.5 +0.35)
-0.25
For further information
on packaging, please refer
to Appendix A.
8.2V
8R2
18V
18
“R” indicates
decimal on
value <10
PMS 300 neg.
Black neg.
.023±.004
(1.0±0.1)
.02±.004
(0.5±0.1)
.023 max.
(0.6 max.)
1E
(0402)
.01±.006
(0.25±0.15)
.024±.001
(0.6±0.03)
.012±.001
(0.3±0.03)
.012±.001
(0.3±0.03)
1H
(0201)
.004 min.
(0.1 min.)
.177±.008
(4.5±0.2)
.126±.008
(3.2±0.2)
.079 max.
(2.0 max.)
2J
(1812)
.020 +.001
-.004
(0.5 +0.3)
-0.1
.126±.008
(3.2±0.2)
.098±.008
(2.5±0.2)
.059 max.
(1.5 max.)
2E
(1210)
.020±.008
(0.5±0.2)
.224±.008
(5.7±0.2)
.197±.008
(5.0±0.2)
.098 max.
(2.5 max.)
2L
(2220)
.020 +.001
-.004
(0.5 +0.3)
-0.1
Inner
Electrode
Inner Side
Electrode
Sn
Plating
Ni
Plating
Varistor
Element
W
t
L
d
d
NV73A 1H
& 1E
NV73
EU
187
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/27/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:20 PM
Page 185


Similar Part No. - NV73AL2LTTP

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73AL1ETTP12 KOA-NV73AL1ETTP12 Datasheet
503Kb / 4P
   metal oxide varistor
NV73AL1ETTP120 KOA-NV73AL1ETTP120 Datasheet
503Kb / 4P
   metal oxide varistor
NV73AL1ETTP21 KOA-NV73AL1ETTP21 Datasheet
503Kb / 4P
   metal oxide varistor
NV73AL1ETTP28 KOA-NV73AL1ETTP28 Datasheet
503Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
More results

Similar Description - NV73AL2LTTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com