Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTXS03T Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RTXS03T
Description  precision voltage divider networks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RTXS03T Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RTXS03T Datasheet HTML 1Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RTX
RTY
RT(X)
precision voltage divider networks
features
Two circuit configurations
Excellent parametric tracking
Ultra precision ration matching
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
For further information on packaging, please refer to Appendix A.
dimensions and construction
W
L
Die
Pad
Molded
Resin
Bonding
Wire
Si
Wafer
p
Lead
Size
Code
.115
(2.92)
.091
(2.30)
.075
(1.91)
S03
p
W
L
Dimensions inches
(mm)
applications
Voltage diversion
Matching resistors
A/D conversion
Parametric control
Reference voltage
ordering information
Package type symbol +
number of pins
S03 = SOT23-3
T: Sn
(Other termination styles
available, contact
factory for options)
Custom code
assigned by
KSE Engineering
RTX
S03
T
TE
5001
Termination Material
Type
Package
Symbol
Packaging
Custom Value
Code
New Part #
TE: 7" embossed
plastic
circuit schematic
R2
R1
R2
RTX
RTY
R1
R2
Value
Range
Resistance
Tolerance
Tracking
T.C.R.
(ppm/°C)
Part
Designation
Maximum
Working
Voltage
Operating
Temperature
Range
Power Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
applications and ratings
RTX
10
Ω to 100ΩK
100V
-50°C to
+150°C
±25,±50,±100
±10
±1%, ±2%,
±5%
51
Ω~1K:
200mW/element
R1: R2 =
1: 1 ~ 1: 2
Max. total
resist.50k
resistance ranges
Product
Code
E: ±25
RTX
C: ±50
51 ~ 50k
3
H: ±100
T.C.R.
Resistance Range (
Ω) (E24) and ResistanceTolerance
Number
of Pins
B: ±0.1%
C: ±0.25%
D: ±0.05%
F: ±1%
G: ±2%, J: ±5%
–––
–––
–––
100 ~ 40k
RTY
10
Ω to 100ΩK
100V
-50°C to
+150°C
±10,±25,±50,
±100
±5,±10,
±25,±50
±5%, ±2%,
±1%, 0.1%
1.1K
Ω:
50mW/element
Relative
Resistance
Tolerance
A:±0.05%,
B:±0.1%,C:±0.25%,
D:±0.5%,
F:±1%,G:±2%
E: ±25
RTY
C: ±50
3
H: ±100
1k ~ 40k
1k ~ 150k
51 ~ 200k
100 ~ 150k
R1: R2 =
1: 1 ~ 1: 10
Max. total
resist.
200k
T: ±10
51 ~ 200k
30 ~ 200k
86
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:07 PM
Page 84


Similar Part No. - RTXS03T

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
More results

Similar Description - RTXS03T

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
logo
Caddock Electronics, In...
THV10 CADDOCK-THV10_17 Datasheet
360Kb / 1P
   Type THV Precision High Voltage Divider Networks
logo
List of Unclassifed Man...
THV10 ETC-THV10 Datasheet
46Kb / 1P
   Type THV Precision High Voltage Divider Networks
logo
Caddock Electronics, In...
THV10 CADDOCK-THV10 Datasheet
225Kb / 1P
   Type THV Precision High Voltage Divider Networks
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
Riedon Powertron
FPN3-4916 RIEDON-FPN3-4916 Datasheet
493Kb / 5P
   FPN FHN Networks Precision Shunt Networks
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
   P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com