Electronic Components Datasheet Search |
|
KC2AFTTD331N16N5L Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
KC2AFTTD331N16N5L Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc. |
1 / 3 page features • Compact physical dimensions • Excellent wave reduction control • Exceptional EMI attenuation • Excellent as impedance matching for signal lines • Marking: Brown and black body color with no marking (1J & 2AF) White and black body color (2A & 2B) • Products with lead-free terminations meet EU RoHS requirements KC three-terminal inductor/capacitor dimensions and construction L .079±.008 (2.0±0.2) .049±.008 (1.25±0.2) N/A .031±.008 (0.8±0.2) .016±.012 (0.4±0.3) .012±.008 (0.3±0.2) Wt g e f Dimensions inches (mm) 2AF .079±.008 (2.0±0.2) .049±.008 (1.25±0.2) .02±.006 (0.25±0.15) .063±.008 (1.6±0.2) .016±.008 (0.4±0.2) .004 Min. (0.1 Min.) 2A Size W t L e g f e W t L e g f e W t L e g f e 1J & 2AF 2A 2B TD: 7" paper tape (1J & 2AF only - 4,000 pieces/reel) TE: 7" embossed plastic (2A only - 2,000 pieces/reel) (2B only - 1,500 pieces/reel) ordering information 6.5nH 1J 2AF 2A 2B M: ±20% N: ±30% P: ±25% T: Sn L: ±15% KC 2AF N T Capacitance Tolerance Type Size Inductance Value (nH) Inductance Tolerance Termination Material Packaging New Part # TE 6N5 L 2 significant digits + no. of zeros 120 Capacitance Value (pF) For further information on packaging, please refer to Appendix A. .062±.008 (1.6±0.2) .031±.008 (0.8±0.2) N/A .024±.008 (0.6±0.2) .016±.008 (0.4±0.2) .008±.006 (0.2±0.15) 1J EU .126±.012 (3.2±0.3) .063±.012 (1.6±0.3) .004 Min. (0.1 Min.) .098±.012 (2.5±0.3) .031±.012 (0.8±0.3) .004 Min. (0.1 Min.) 2B 279 KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 2/24/08 |
Similar Part No. - KC2AFTTD331N16N5L |
|
Similar Description - KC2AFTTD331N16N5L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |