Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15022 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # MJ15022
Description  POWER TRANSISTOR(16A,200-250V,250W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ15022 Datasheet(HTML) 3 Page - Mospec Semiconductor

  MJ15022 Datasheet HTML 1Page - Mospec Semiconductor MJ15022 Datasheet HTML 2Page - Mospec Semiconductor MJ15022 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - MJ15022

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022 Datasheet
153Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15022 WINGS-MJ15022 Datasheet
159Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022 Datasheet
73Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
logo
Savantic, Inc.
MJ15022 SAVANTIC-MJ15022 Datasheet
142Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - MJ15022

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15023 MOSPEC-MJ15023 Datasheet
141Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
MJ10020 MOSPEC-MJ10020 Datasheet
211Kb / 4P
   POWER TRANSISTORS(60A,200-250V,250W)
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
   Switching (250V, 16A)
logo
ALPS ELECTRIC CO.,LTD.
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
Eldeco Srl
MRM5-P ELDECO-MRM5-P Datasheet
465Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 16A
MLR51-V ELDECO-MLR51-V Datasheet
510Kb / 1P
   Standard : UL - IEC 300V - 250V 16A - 22A
BLT52-V ELDECO-BLT52-V Datasheet
504Kb / 1P
   Standard : UL - IEC 300V - 250V 16A - 17.5A
BLT52-H ELDECO-BLT52-H Datasheet
506Kb / 1P
   Standard : UL - IEC 300V - 250V 16A - 17.5A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com