Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR1J10YT Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CR1J10YT
Description  chip resistor array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CR1J10YT Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CR1J10YT Datasheet HTML 1Page - KOA Speer Electronics, Inc. CR1J10YT Datasheet HTML 2Page - KOA Speer Electronics, Inc. CR1J10YT Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
146
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/31/08
CR
chip resistor array
Part
Designation
Capacitor
Item
Capacitor
Rating
Resistor
Item
Resistor
Rating
circuit schematic
10
9
8
7
6
5
4
3
2
1
applications and ratings (CR1J)
Voltage Rating
Capacitance Tolerance
Temperature Coefficient
Dissipation Factor
Capacitance Range
12V (DC)
+30% / -20%
+20% / -55% (-25°C~85°C)
3% Maximum, 0 + 1Khz 1.0Vrms
10pF, 15pF, 22pF
Power Rating
Maximum Working Voltage
Temperature Coefficient
Resistance Tolerance
Operating Temperature Range
CR1J
Resistor
Range
1/16W (<70°C)
––––
Maximum Overload Voltage
15 - 8V
––––
Rated Ambient Temperature
70°C
79V
±200ppm/°C
±5%
-25°C to +85°C
22
Ω, 47Ω,
100
Ω, 220Ω
Part
Designation
Capacitor
Item
Capacitor
Rating
Resistor
Item
Resistor
Rating
applications and ratings (CR2A)
Capacitance Measuring Condition
Voltage Rating
Capacitance Tolerance
Temperature Coefficient
Dissipation Factor
1 KHz ± 10% (1 Vrms ± 0.2V)
25V (DC)
±20% / ±30%
+20% / -55% (-25°C to +85°C)
3% Maximum (at 1 KHz 1.0 Vrms)
Power Rating
Maximum Working Voltage
Maximum Overload Voltage
Resistor Tolerance
Temperature Coefficient
CR2A
0.063W
7.9V
15.8V
±5%
±200ppm/°C
Insulation Resistance
1,000M
Ω Minimum
Dielectric Withstanding Voltage
62.5V DC, 5 sec., 50mA charge
Rated Ambient Temperature
+70°C
Derating Curve
environmental applications
120
80
60
40
20
-30
-20 -10
0
2030405090
85
10
Ambient Temperature
(°C)
0
-25
70
80
60
100
Operating Temperature Range
-25°C to +85°C
Capacitance Range
22pF, 47pF, 100pF
Operating Temperature Range
-25°C to +85°C
Resistor
Range
22
Ω,47Ω,100Ω,
220
Ω,470Ω,
1K
Ω, 47KΩ
––––
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 144


Similar Part No. - CR1J10YT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1 ETC2-CR1 Datasheet
59Kb / 1P
   ATC HIGH POWER RESISTIVE PRODUCTS
logo
Amphenol Corporation
CR1 AMPHENOL-CR1 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
logo
Central Semiconductor C...
CR1-005 CENTRAL-CR1-005 Datasheet
63Kb / 1P
   AMP RECTIFIER
logo
ABCO ELECTRONICS CO.LTD
CR1/2 ABCO-CR1/2 Datasheet
604Kb / 1P
   FIXED CARBON FILM RESISTORS
CR1/2W ABCO-CR1/2W Datasheet
604Kb / 1P
   FIXED CARBON FILM RESISTORS
More results

Similar Description - CR1J10YT

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com