Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2BTTE100N11NL Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KC2BTTE100N11NL
Description  three-terminal inductor/capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2BTTE100N11NL Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KC2BTTE100N11NL Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2BTTE100N11NL Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2BTTE100N11NL Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KC
three-terminal inductor/capacitor
environmental applications (continued)
Performance Characteristics
Parameter
Requirement
Test Method
Temperature Cycle*
Appearance: No physical damage
Capacitance: Within tolerance
Dielectric Loss: Within tolerance
Insulation Resistance: Within tolerance
Withstand Voltage: No abnormality
Repeat the following heat cycle 10 times:
Step:
Temperature:
Time:
1
-40°C ± 3°C
30 minutes ± 3 minutes
2
Room Temp.
15 minutes maximum
3
85°C ± 2°C
30 minutes ± 3 minutes
4
Room Temp.
15 minutes maximum
* After temperature cycle test, high temperature resistance test or humidity resistance test, the tested sample should be measured
after having been left in temperature from 15°C to 35°C and relative humidity from 20% to 90% for 24 hours.
Terminal Adhesion Strength
No physical damage
Solder a chip to a test
substrate and then
laterally apply a
load (5N, 500gF) in
the arrow direction
Chip
Substrate
Force
Direction
Resistance to Solder Heat
Appearance: No physical damage
Capacitance: Within tolerance
Dielectric Loss: Within tolerance
Insulation Resistance: Within tolerance
Withstand Voltage: No abnormality
Flux: 25% rosin
Preheating: 120 to 180 seconds
Preheating Temperature: 150°C to 200°C (1J, 2AF, 2B)
Solder: H60A
Solder Temperature: 260°C ±5°C
Dip Time: 5 seconds ± 0.5 second
Solderability
More than 95% of the terminal electrode
shall be covered with new solder
Flux: 25% rosin
Solder: H60A
Solder Temperature: 235°C ±5°C
Dip Time: 2 seconds ± 0.5 second
High Temperature
Resistance*
Appearance: No physical damage
Capacitance: Within tolerance
Dielectric Loss: Within tolerance
Insulation Resistance: Within tolerance
Withstand Voltage: No abnormality
Temperature: 70°C ± 2°C
Bias: DC25V (2AF, 2A, 2B), DC16V (1J)
Bias: DC200mA
Test Time: 500 hours
Humidity Resistance
(Unload)*
Appearance: No physical damage
Capacitance: Within tolerance
Dielectric Loss: Within tolerance
Insulation Resistance: Within tolerance
Temperature: 85°C ± 2°C
Humidity: 85% ± 5%
Test Time: 500 hours
Humidity Resistance
(Load)*
Appearance: No physical damage
Capacitance: Within tolerance
Dielectric Loss: Within tolerance
Insulation Resistance: Within tolerance
Temperature: 40°C ± 2°C
Humidity: 90 - 95%
Bias: DC25V
Bias: DC200mA
Test Time: 500 hours
Weight
20
Displacement
Substrate
45
± 2
45
± 2
Substrate Bending Test
Appearance: No physical damage
Capacitance: Within tolerance
After soldering a chip
to a test substrate,
bend the substrate
by 1 mm and then
measure. The substrate
is GE4 or based on GE4.
Capacitance vs.
Temperature
Characteristics
Variation rate of capacitance in operate
temperature are shown below:
Part:
Rate:
KC2AT120N6NSL
±10%
KC2AT180N13NL
±10%
KC2AT350N15NL
±10%
KC2BTTE100N11NL
±5%
KC2BTTE200M17NL
±5%
KC2BTTE450M37NL
±5%
KC2BTTE850M37NL
±5%
KC2BTTE191M37NL
±10%
KC2BTTE341M67NL
±10%
The capacitance shall be measured at each stage
below. The rate shall be calculated against the
capacitance measured at 20°C.
Step:
Temperature:
1
20°C
2
-40°C ± 3°C
3
20°C
4
85°C ± 3°C
281
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/12/07


Similar Part No. - KC2BTTE100N11NL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
   Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
   Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
   Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
logo
List of Unclassifed Man...
KC2-50 ETC-KC2-50 Datasheet
151Kb / 1P
   Frequency Multiplier
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
More results

Similar Description - KC2BTTE100N11NL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
logo
KOA Speer Electronics, ...
KGM0805C KOA-KGM0805C Datasheet
115Kb / 8P
   Three Termination Capacitor
logo
Rohm
BA178XXT ROHM-BA178XXT Datasheet
244Kb / 6P
   Three-Terminal Regulator
logo
MORNSUN Science& Techno...
T6650L MORNSUN-T6650L Datasheet
250Kb / 3P
   Three-terminal isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com