Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFC1005HTR70 Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # HFC1005HTR70
Description  High Frequency Ceramic Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1005HTR70 Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  HFC1005HTR70 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 5Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 6Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 7Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 8Page - KOA Speer Electronics, Inc. HFC1005HTR70 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SS-226 R3
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
PAGE 5 OF 9
KOA SPEER ELECTRONICS, INC.
Item
Requirement
Conditions
Capacitance
Within the specified tolerances of parts
Frequency: 1 MHz
Voltage: 1 Vrms
Instrument: YHP4278A
Q Value
100 or more
Frequency: 1 MHz
Voltage: 1 Vrms
Instrument: YHP4278A
Insulation Resistance
10,000 M
Ω or more
Test Voltage: Rated Voltage
Electrification Time: 60 ± 5 sec
Breakdown Voltage
No break down
Test Voltage: 300% of the Rated Voltage
Electrification Time: 1 to 5 sec
Limit Surge Current: 50 mA or less
9. Characteristics
9-1 Electrical Characteristics
Item
Requirement
Conditions
Adhesion of
No mechanical damage
A static load of
Electrodes
5N(0.5 kgf) shall
be applied in the
direction of the
arrow as follows
9-2 Mechanical Characteristics
Printed Board
Chip
Load (5N)
Core Body
No mechanical damage
A static load of 5N(0.5 kgf) using a R 0.5
Strength
pressure rod shall be applied on the core of
the component and held for 10 sec
Substrate Bending
Visual Examination: No mechanical damage
Solder a specimen to the substrate and bend it.
Test
Capacitance: Within ± 2.0% or ± 0.02 pF
(Displacement: 2mm)
whichever is more
Q Value: 100 or more
Insulation Resistance: 10,000 M
Ω or more
Weight
20
Displacement
Substrate
45
± 2
45
± 2


Similar Part No. - HFC1005HTR70

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1005HTTDR10 KOA-HFC1005HTTDR10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
HFC1005HTTER10 KOA-HFC1005HTTER10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
More results

Similar Description - HFC1005HTR70

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1005 KOA-HFC1005 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
logo
Murata Manufacturing Co...
GQM1885C2A3R6CB01 MURATA-GQM1885C2A3R6CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR10BB01 MURATA-GQM1885C2AR10BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR40BB01 MURATA-GQM1885C2AR40BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR50BB01 MURATA-GQM1885C2AR50BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR75BB01 MURATA-GQM1885C2AR75BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C2A3R9CB01 MURATA-GQM2195C2A3R9CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A4R7WB01 MURATA-GQM1885C2A4R7WB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H330GB01 MURATA-GQM2195C1H330GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H101GB01 MURATA-GQM2195C1H101GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com