Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2BTTE341M67NL Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KC2BTTE341M67NL
Description  three-terminal inductor/capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2BTTE341M67NL Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KC2BTTE341M67NL Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2BTTE341M67NL Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2BTTE341M67NL Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
280
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
5/23/07
KC
three-terminal inductor/capacitor
circuit schematic
applications and ratings (continued)
Part
Designation
Capacitance
(pF)
%
Inductance
(nH)
%
Rated
Voltage
DC (V)
Rated
Current
DC (mA)
Insulation
Resistance
Minimum
(MΩ)
Operating
Temperature
Range
KC1JTTD680P12NL
KC1JTTD9R5P30NL
KC1JTTD220P8N0L
KC1JTTD350P8N0L
KC1JTTD550P8N0L
KC2AFTTD151N16N5L
KC2AFTTD331N16N5L
KC2AFTTD220N3N0L
KC2AFTTD160N3N0L
KC2AFTTD700N8N50L
KC2ATTE120N6N5L
KC2ATTE180N13NL
KC2ATTE350N15NL
KC2BTTE100N11NL
KC2BTTE200M17NL
KC2BTTE450M37NL
KC2BTTE850M37NL
KC2BTTE191M37NL
KC2BTTE341M67NL
68 ± 25%
9.5 ± 25%
22 ± 25%
35 ± 25%
55 ± 25%
150 ± 30%
330 ± 30%
22 ± 30%
16 ± 30%
70 ± 30%
12 ± 30%
18 ± 30%
35 ± 30%
10 ± 30%
20 ± 20%
45 ± 20%
85 ± 20%
190 ± 20%
340 ± 20%
16
25
25
25
12 ± 15%
30 ± 15%
8.0 ± 15%
8.0 ± 15%
8.0 ± 15%
16.5 ± 15%
16.5 ± 15%
3.0 ± 15%
3.0 ± 15%
8.5 ± 15%
6.5 ± 15%
13 ± 15%
15 ± 15%
11 ± 15%
17 ± 15%
37 ± 15%
37 ± 15%
37 ± 15%
67 ± 15%
200
200
200
200
1000
1000
1000
1000
Typical
Cut-off
Frequency
(Att = 3dB)
20 MHz
400 MHz
200 MHz
100 MHz
50 MHz
50 MHz
20 MHz
200 MHz
400 MHz
100 MHz
530 MHz
360 MHz
180 MHz
660 MHz
320 MHz
140 MHz
70 MHz
30 MHz
20 MHz
-20°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
applications and ratings
Item
Specification
-40°C to +85°C
Operating Temperature Range
-40°C to +85°C (after soldering)
Storage Temperature Range
15°C to 35°C
1J, 2AF, 2B: 20 - 90%; 2A: 45 - 85%
Measuring Condition (Standard)
Temperature
Relative Humidity
20°C ± 1°C
1J, 2AF, 2A: 60 - 67%: 2B: 20 - 90%
Measuring Condition (Precision)
Temperature
Relative Humidity
1J & 2AF
2A & 2B
environmental applications
Performance Characteristics
Parameter
Insulation Resistance
Within the tolerance
Voltage: DC25V (2AF, 2A), DC16V (1J)
Test Time: 60 seconds
Capacitance
Within the tolerance
Frequency: 1MHz
Voltage: 1V
Equipment: HP4192A
Fixture: HP16034E
Inductance
Within the tolerance
Frequency: 1MHz
Current: 10mA
Equipment: HP4192A
Fixture: HP16034E
Resistance
(2A only)
Within the tolerance
Frequency: 1MHz
Current: 10mA
Equipment: HP4192A
Fixture: HP16034E
Requirement
Test Method


Similar Part No. - KC2BTTE341M67NL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
   Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
   Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
   Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
logo
List of Unclassifed Man...
KC2-50 ETC-KC2-50 Datasheet
151Kb / 1P
   Frequency Multiplier
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
More results

Similar Description - KC2BTTE341M67NL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
logo
KOA Speer Electronics, ...
KGM0805C KOA-KGM0805C Datasheet
115Kb / 8P
   Three Termination Capacitor
logo
Rohm
BA178XXT ROHM-BA178XXT Datasheet
244Kb / 6P
   Three-Terminal Regulator
logo
MORNSUN Science& Techno...
T6650L MORNSUN-T6650L Datasheet
250Kb / 3P
   Three-terminal isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com