Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFC1608STTER10 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # HFC1608STTER10
Description  high frequency ceramic capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1608STTER10 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  HFC1608STTER10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1608STTER10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1608STTER10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1608STTER10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1608STTER10 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HFC
high frequency ceramic capacitor
applications and ratings (continued)
environmental applications
100
1
Capacitance
(pF)
1
0.1
10
10
HFC1410, 1608, 1610, 1612 Series
10000
1
Frequency
(MHz)
1000
500
1800
100
10
1000
Type: HFC1612VT1R0R05M50 (1.0 PF)
Q vs. Frequency
Self Resonant Frequency (SRF)
vs. Capacitance Value
ESR vs. Frequency
5
0.01
Frequency
(MHz)
1000
500
1800
1
0.1
±0.075
±0.015
±0.030
V
C
T
N
50
-55°C to +125°C
50
-55°C to +125°C
Part
Designation
Tolerance Code
(pF)
Material
Code
Operating
Temperature
Range
Rated
Voltage
DC (V)
Capacitance
(pF)
HFC1410VTTE1R1
1.10
HFC1410VTTE1R2
1.20
HFC1410VTTE1R3
1.30
HFC1608CTTER10
0.10
HFC1608TTTER15
0.15
HFC1608NTTER20
0.20
HFC1608NTTER25
0.25
HFC1608NTTER30
0.30
HFC1608NTTER35
0.35
±0.030
V
V
V
50
-55°C to +125°C
HFC1608VTTER40
0.40
HFC1608VTTER45
0.45
HFC1608VTTER50
0.50
HFC1608VTTER55
0.55
HFC1610VTTER60
0.60
HFC1610VTTER65
0.65
HFC1610VTTER70
0.70
HFC1610VTTER75
0.75
HFC1610VTTER80
0.80
HFC1610VTTER85
0.85
HFC1610VTTER90
0.90
HFC1612VTTER95
0.95
HFC1612VTTE1R0
1.00
±0.050
±0.050
50
-55°C to +125°C
259
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/10/07


Similar Part No. - HFC1608STTER10

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1608CTR10 KOA-HFC1608CTR10 Datasheet
105Kb / 9P
   High Frequency Ceramic Capacitor
HFC1608NTR20 KOA-HFC1608NTR20 Datasheet
105Kb / 9P
   High Frequency Ceramic Capacitor
HFC1608NTR25 KOA-HFC1608NTR25 Datasheet
105Kb / 9P
   High Frequency Ceramic Capacitor
HFC1608NTR30 KOA-HFC1608NTR30 Datasheet
105Kb / 9P
   High Frequency Ceramic Capacitor
HFC1608NTR35 KOA-HFC1608NTR35 Datasheet
105Kb / 9P
   High Frequency Ceramic Capacitor
More results

Similar Description - HFC1608STTER10

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1410 KOA-HFC1410 Datasheet
105Kb / 9P
   High Frequency Ceramic Capacitor
logo
Murata Manufacturing Co...
GQM1885C2A3R6CB01 MURATA-GQM1885C2A3R6CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR10BB01 MURATA-GQM1885C2AR10BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR40BB01 MURATA-GQM1885C2AR40BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR50BB01 MURATA-GQM1885C2AR50BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR75BB01 MURATA-GQM1885C2AR75BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C2A3R9CB01 MURATA-GQM2195C2A3R9CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A4R7WB01 MURATA-GQM1885C2A4R7WB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H330GB01 MURATA-GQM2195C1H330GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H101GB01 MURATA-GQM2195C1H101GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com