Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFC1005ST1R0 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # HFC1005ST1R0
Description  High Frequency Ceramic Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1005ST1R0 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  HFC1005ST1R0 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 5Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 6Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 7Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 8Page - KOA Speer Electronics, Inc. HFC1005ST1R0 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
PAGE 2 OF 9
SS-226 R3
KOA SPEER ELECTRONICS, INC.
4. Dimensions Cont.
W
T
L
5. Characteristics of Dielectric Materials
Material Code
T
N
K
Table 2 - HFC1005 Series
70.0±3.0
6±10
92.0±2.0
6±10
37.0±1.5
0±10
ε
r
τ
f (ppm/°C)
V
113.0±5.0
30±10
Material Code
C
T
N
Table 2 - HFC1410, 1608, 1610, 1612 Series
37.0±1.5
0±10
70.0±3.0
6±10
21.5±2.0
0±10
ε
r
τ
f (ppm/°C)
V
113.0±5.0
30±10
Part
1612
Table 1
0.063±0.006
(1.60±0.15)
0.047±0.004
(1.20±0.10)
0.043±0.008
(1.10±0.20)
LWT
Dimensions - inches (mm)
1610
0.063±0.006
(1.60±0.15)
0.039±0.004
(1.00±0.10)
0.033±0.01
(0.85±0.25)
Ordering
Code
HFC1005TTR10
HFC1005TTR15
HFC1005NTR20
HFC1005NTR25
HFC1005KTR30
0.10
0.15
0.20
0.25
0.30
±0.015
T
Capacitance
(pF)
Tolerance
Code
(pF)
Material
Code
Rated
Voltage
DC(V)
±0.030
50
N
K
Operating
Temp.
Range
-55°C
to
125°C
6. Standard Specifications
1608
0.063±0.006
(1.60±0.15)
0.031±0.004
(0.80±0.10)
0.028±0.008
(0.70±0.20)
H
G
S
160.0±4.0
0±30
180.0±4.0
0±30
140.0±3.0
0±30
B
200.0±5.0
0±30


Similar Part No. - HFC1005ST1R0

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1005STTDR10 KOA-HFC1005STTDR10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
HFC1005STTER10 KOA-HFC1005STTER10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
More results

Similar Description - HFC1005ST1R0

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1005 KOA-HFC1005 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
logo
Murata Manufacturing Co...
GQM1885C2A3R6CB01 MURATA-GQM1885C2A3R6CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR10BB01 MURATA-GQM1885C2AR10BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR40BB01 MURATA-GQM1885C2AR40BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR50BB01 MURATA-GQM1885C2AR50BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR75BB01 MURATA-GQM1885C2AR75BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C2A3R9CB01 MURATA-GQM2195C2A3R9CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A4R7WB01 MURATA-GQM1885C2A4R7WB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H330GB01 MURATA-GQM2195C1H330GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H101GB01 MURATA-GQM2195C1H101GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com