Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR27SPTTEB1001F Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # BR27SPTTEB1001F
Description  bgaresistornetworks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BR27SPTTEB1001F Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  BR27SPTTEB1001F Datasheet HTML 1Page - KOA Speer Electronics, Inc. BR27SPTTEB1001F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BR
bga resistor networks
features
Virtually eliminates channel capacitance,
a primary cause of reduced system performance
Eases routing design of DDR SDRAM termination
High precision ±1% is standard
Saves board space and high density mounting
Marking: Black body color with white marking (cut-out)
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
For further information on packaging, please refer to Appendix A.
dimensions and construction
W
L
K
Tinning Ball
(Cu core)
Ceramic
Substrate
Protective
Coating
Resistive
Film
Lead-Free
Solder
P
H
øD
Marking Inner
Electrode
New Part #
Size
Code
.039±.010
(1.0±0.25)
.026±.002
(0.67±0.05)
.020±.010
(0.50±0.25)
K
øD
P
Dimensions inches
(mm)
BR27A
.045±.006
(1.15±0.15)
.354±.006
(9.0±0.15)
.118±.006
(3.0±0.15)
W
L
H
circuit schematic
BR27A
R1=R2=R3..... R17=R18
R1
R2
R3
R4
R17
R18
BR36S
R1=R2=R3..... R17=R18
R1
R2
R3
R4
R17
R18
78
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/11/08
±1%: 3 significant
figures + multiplier
“R” indicates
decimal on values
<100
27: 27 Terminal
36: 36 Terminal
P: 1 mm
TEB:
8 mm pitch
embossed
plastic
BR
27
P
T
TEB
Terminal
Pitch
Type
Number of
Terminals
Termination
Material
Packaging
Nominal
Resistance
1001
T: Sn
F: ±1%
Resistance
Tolerance
F
A: Parallel
network
S: Separate
A
Circuit
Symbol
.039±.010
(1.0±0.25)
.026±.002
(0.67±0.05)
.020±.010
(0.50±0.25)
BR36S
.045±.006
(1.15±0.15)
.087 Max.
(9.0±0.15)
.157±.006
(4.0±0.15)
ordering information
.006 Max.
(0.15 Max.)
Coplanarity
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:07 PM
Page 76


Similar Part No. - BR27SPTTEB1001F

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BR270 EATON-BR270 Datasheet
1Mb / 28P
   Cutler- Hammer
2002
logo
KOA Speer Electronics, ...
BR27APTTEB1001F KOA-BR27APTTEB1001F Datasheet
240Kb / 2P
   bga resistor networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com