Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZP2BPTTE121P Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CZP2BPTTE121P
Description  Multi Layer Ferrite Power Beads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZP2BPTTE121P Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CZP2BPTTE121P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZP2BPTTE121P Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 2 OF 10
SS-220 R12
4. Standard Applications
Part
Designation
Impedance
@ 100MHz
()
DC
Resistance
Maximum
()
Allowable
DC Current
Maximum
(mA)
Operating
Temperature
Range
CZP1JFTTD300P
30
CZP1JFTTD600P
60
CZP1JFTTD121P
120
CZP1JFTTD301P
300
CZP2AFTTD300P
30
CZP2AFTTD400P
40
CZP2AFTTD450P
45
CZP2AFTTD600P
60
CZP2AFTTD800P
80
CZP2AFTTD221P
220
CZP2AFTTD301P
300
CZP2AFTTD601P
600
CZP2AFTTD102P
1000
CZP2BFTTE190P
19
CZP2BFTTE260P
26
CZP2BFTTE300P
30
CZP2BFTTE310P
31
CZP2BFTTE500P
50
CZP2BFTTE650P
65
CZP2BFTTE700P
70
CZP2BFTTE800P
80
CZP2BFTTE900P
90
CZP2BFTTE101P
100
CZP2BFTTE121P
120
CZP2BPTTE700P
70
CZP2BFTTE601P
600
CZP2BPTTE101P
100
CZP2BPTTE121P
120
CZP2BPTTE601P
600
0.03
0.04
0.10
0.10
0.015
0.03
0.025
0.04
0.05
0.15
0.20
0.02
0.025
0.03
0.10
0.20
0.03
0.04
0.10
3000
2000
2000
3000
2000
3000
2000
1000
3000
2000
1000
3000
1000
3000
1500
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
SS-220 R12 CZP
12/7/06
11:54 AM
Page 2


Similar Part No. - CZP2BPTTE121P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZP2BPTTE5009 KOA-CZP2BPTTE5009 Datasheet
212Kb / 2P
   multilayer power ferrite bead
CZP2BPTTE500P KOA-CZP2BPTTE500P Datasheet
85Kb / 2P
   multilayer power ferrite bead
More results

Similar Description - CZP2BPTTE121P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
   Multi Layer Ferrite Chip Beads
logo
Central Technologies
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
CTMLP100804AF CT-CTMLP100804AF Datasheet
368Kb / 1P
   Multi-layer Power Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com