Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGM1812CCTTE2202A Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KGM1812CCTTE2202A
Description  three-terminal capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KGM1812CCTTE2202A Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KGM1812CCTTE2202A Datasheet HTML 1Page - KOA Speer Electronics, Inc. KGM1812CCTTE2202A Datasheet HTML 2Page - KOA Speer Electronics, Inc. KGM1812CCTTE2202A Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
274
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
6/27/07
KGM
three-terminal capacitor
applications and ratings
Part
Designation
Capacitance
(pF)
Capacitance
Tolerance
(%)
Rated
Voltage
DC (V)
Rated
Current
DC (A)
Insulation
Resistance
Minimum
(MΩ)
Operating
Temperature
Range
KGM0603ECTTE2202A
KGM0603ECTTE4702A
KGM0603ECTTE1012A
KGM0603ECTTE2212A
KGM0603ECTTE4712A
KGM0603ECTTE1022A
KGM0603ECTTE2222A
KGM0603CCTTE3322A
KGM0603CFTTE2232A
KGM0603CFTTE1042A
KGM0805HCTTE2202A
KGM0805HCTTE4702A
KGM0805HCTTE1012A
KGM0805ECTTE2212A
KGM0805ECTTE4712A
KGM0805ECTTE1022A
KGM0805ECTTE2222A
KGM0805ECTTE3322A
KGM0805EFTTE1032A
KGM0805EFTTE2232A
KGM0805EFTTE1042A
KGM0805ECTTE2224A
KGM0805CFTTE1044A
KGM1206ECTTE2201A
KGM1206ECTTE4701A
KGM1206ECTTE1011A
KGM1206ECTTE2211A
KGM1206ECTTE4711A
KGM1206ECTTE1021A
KGM1206ECTTE2221A
KGM1206CCTTE3321A
KGM1206HCTTE2202A
KGM1206HCTTE4702A
KGM1206HCTTE1012A
KGM1206HCTTE2212A
KGM1206HCTTE4712A
KGM1206HCTTE1022A
KGM1206VCTTE2222A
KGM1206ECTTE2722A
KGM1206ECTTE3322A
KGM1206ECTTE1032A
KGM1206EFTTE1042A
KGM1812HCTTE4714A
KGM1812HCTTE1024A
KGM1812HCTTE2224A
KGM1812ECTTE6824A
22
47
100
220
470
1000
2200
3300
22,000
100,000
22
47
100
220
470
1000
2200
3300
10,000
22,000
100,000
2,000
100,000
22
47
100
220
470
1000
2200
3300
22
47
100
220
470
1000
2200
2700
3300
10,000
100,000
470
1000
2200
6800
25
16
50
25
16
25
16
50
35
25
50
25
-55°C to +125°C
1000
2
4
+50 ~ -20
-55°C to +125°C
1000
1
2
+50 ~ -20
-55°C to +125°C
1000
4
+50 ~ -20
environmental applications
Performance Characteristics
Parameter
Insulation Resistance
1000 MΩ Minimum
Applied rated voltage for 60 seconds
Capacitance
Within the tolerance
Frequency: 1kHz
Voltage: 1Vrms
Dielectric Withstanding
Strength
No breakdown
Applied 250% of the rated voltage for 1 second
to 5 seconds, limit surge current 50mA maximum
DC Resistance
60 MΩ Maximum
DC: 0.3V Maximum
Requirement
Test Method
+50 ~ -20
2
1000
-55°C to +125°C


Similar Part No. - KGM1812CCTTE2202A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM1812CCTTE2202A KOA-KGM1812CCTTE2202A Datasheet
115Kb / 8P
   Three Termination Capacitor
More results

Similar Description - KGM1812CCTTE2202A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
KC1JTTD KOA-KC1JTTD Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
logo
KOA Speer Electronics, ...
KGM0805C KOA-KGM0805C Datasheet
115Kb / 8P
   Three Termination Capacitor
logo
Rohm
BA178XXT ROHM-BA178XXT Datasheet
244Kb / 6P
   Three-Terminal Regulator
logo
MORNSUN Science& Techno...
T6650L MORNSUN-T6650L Datasheet
250Kb / 3P
   Three-terminal isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com