Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL731JTTE33N Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KL731JTTE33N
Description  thin film inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731JTTE33N Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KL731JTTE33N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731JTTE33N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731JTTE33N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731JTTE33N Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KL73
thin film inductor
features
Excellent for high frequency applications
Low DC resistance and high Q
Suitable for reflow and wave soldering
Low tolerance ±2% available
Small size allows for high density mounting
(1E, 1J, 2A, 2B)
Marking: Yellow marking on blue protective coating
(1E, 1J, 2A, 2B)
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
4N7: 4.7nH
47N: 47nH
T: Sn
B: ±0.1nH
C: ±0.2nH
G: ±2%
J: ±5%
1E: 0402
1J: 0603
2A: 0805
2B: 1206
TP: 7" paper 2mm pitch
(1E only - 10,000 pieces/reel)
TE: 7" embossed plastic 4mm pitch
(1J, 2A, 2B - 4,000 pieces/reel)
KL73
Type
Size Code
Tolerance
Nominal
Inductance
Termination
Material
Packaging
New Part #
2A
TE
G
4N7
T
dimensions and construction
Insulation
Film
L
W
t
d
Ceramic
Substrate
Inner
Electrode
Coil
Pattern
Direction
Mark
c
c
Marking
Protective
Coating
Electrode
Type
L
1E
(0402)
.039±.004
(1.0±0.1)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.02±.002
(0.5±0.05)
.006±.004
(0.15±0.1)
.01±.004
(0.25±0.1)
.014±.002
(0.35±0.05)
.02±.004
(0.5±0.1)
.012±.004
(0.3±0.1)
.024±.004
(0.6±0.1)
.012±.004
(0.3±0.1)
.02±.008
(0.5±0.2)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
1J
(0603)
.02±.004
(0.5±0.1)
.012±.004
(0.3±0.2)
.016±.008
(0.4±0.2)
.049±.008
(1.25±0.2)
.079±.008
(2.0±0.2)
2A
(0805)
2B
(1206)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
For further information
on packaging, please refer
to Appendix A.
Inductance Marking
Part 1J (nH)
Marking
1.0
L1
1.2
L2
1.5
L3
1.8
L4
2.2
22
2.7
27
3.3
33
3.9
39
4.7
47
5.6
56
6.8
68
8.2
82
Part 1J (nH)
Marking
10
10
12
12
2A
2B
Ex. = 2.2 = 2.2nH
Ex. = 2N2 = 2.2nH
Ex. = 15 = 15nH
Ex. = 15N = 15nH
15
15
18
H1
22
H2
27
H3
33
H4
39
H5
47
H6
56
H7
68
H8
82
H9
Value (nH)
2.2 - 8.2
Part
Marking
Value (nH)
10 and higher
No marking on 1E (0402)
EU
213
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/07/09
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:49 PM
Page 18


Similar Part No. - KL731JTTE33N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731JTTE33N KOA-KL731JTTE33N Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731JTTE33N KOA-KL731JTTE33N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL731JTTE33N KOA-KL731JTTE33N Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL731JTTE33N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com