Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL1JHTTDR39 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # MCL1JHTTDR39
Description  multilayer ferrite inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL1JHTTDR39 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  MCL1JHTTDR39 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL1JHTTDR39 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL1JHTTDR39 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMS 300 neg.
Black neg.
204
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/06/07
MCL
multilayer ferrite inductor
Part
Designation
Inductance
L (µH)
Minimum
Q
applications and ratings (continued)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
L.Q. Test
Frequency
(MHz)
Self Resonant
Frequency
Typical
(MHz)
50
20
50
25
0.90
1.00
1.10
15
300
250
200
1.15
0.15
32
29
26
24
320
280
235
220
200
185
170
150
145
135
0.25
0.30
0.40
0.50
0.60
0.50
125
0.60
115
105
100
75
65
60
55
50
45
41
38
35
32
29
26
24
22
19
0.70
0.80
0.90
0.40
0.50
0.60
0.70
0.80
0.85
0.90
25
1.00
0.70
1.05
4
2
5.6
6.8
8.2
10
0.047
0.068
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
25
10
45
30
1
4
2
150
100
50
5
15
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
Operating
Temperature
Range
MCL2AJTTE5R6*
MCL2AJTTE6R8*
MCL2AJTTE8R2*
MCL2AJTTE100*
MCL2BHTTE047M
MCL2BHTTE068M
MCL2BHTTER10*
MCL2BHTTER12*
MCL2BHTTER15*
MCL2BHTTER18*
MCL2BHTTER22*
MCL2BHTTER27*
MCL2BHTTER33*
MCL2BHTTER39*
MCL2BHTTER47*
MCL2BHTTER56*
MCL2BHTTER68*
MCL2BHTTER82*
MCL2BJTTE1R0*
MCL2BJTTE1R2*
MCL2BJTTE1R5*
MCL2BJTTE1R8*
MCL2BJTTE2R2*
MCL2BJTTE2R7*
MCL2BJTTE3R3*
MCL2BJTTE3R9*
MCL2BJTTE4R7*
MCL2BJTTE5R6*
MCL2BJTTE6R8*
MCL2BJTTE8R2*
MCL2BJTTE100*
MCL2BJTTE120*
MCL2BJTTE150*
-55°C
to
+125°C
-55°C
to
+125°C
* Add tolerance character (K, M) - Other tolerances available upon request
For complete environmental specifications,
please refer to pages 208-209.
50
1.05
0.90
22
33
MCL2BJTTE220*
MCL2BJTTE330*
0.4
16
13
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:46 PM
Page 9


Similar Part No. - MCL1JHTTDR39

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MCL1JHTTDR39 KOA-MCL1JHTTDR39 Datasheet
181Kb / 6P
   Multi Layer Ferrite Inductors
More results

Similar Description - MCL1JHTTDR39

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
Abracon Corporation
AIML-0603 ABRACON-AIML-0603 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.26.12
logo
XFMRS Inc.
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
List of Unclassifed Man...
CB05YTYN102 ETC2-CB05YTYN102 Datasheet
141Kb / 8P
   Multilayer Ferrite Chip Bead Inductor
logo
Abracon Corporation
AIML-1008HC ABRACON-AIML-1008HC Datasheet
698Kb / 3P
   Multilayer Ferrite Chip Inductor (High Current)
03.04.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com