Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD20SCDMJTA Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # NVD20SCDMJTA
Description  metal oxide varistor disc type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD20SCDMJTA Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  NVD20SCDMJTA Datasheet HTML 1Page - KOA Speer Electronics, Inc. NVD20SCDMJTA Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVD20SCDMJTA Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NVD
metal oxide varistor disc type
features
Flame retardant coating (UL94V0)
Excellent transient voltage suppression characteristics
Higher surge current
Wide varistor voltage
V-I characteristics are the same in both polarity
Marking: Green body color with black marking
VDE (CECC42000, CECC42200, CECC42201, IEC61051:
File No. 40015637) NVD05, NVD07: 22-470V, NVD10:
22-1100V, NVD14: 22-910V
UL1449 (file No. E79023) recognized for
products over 82V
Products with lead-free terminations meet
EU RoHS requirements
C: Sn-Cu
ordering information
A: Ammo
BK: Bulk
22V
022
220V
220
1800V 1800
Disc
05
07
10
14
20
U
UB (D10
only)
S
NV
D
05
U
Diameter
Type
Style
Packaging
Varistor
Voltage
Series
Termination
Material
C
A
D: SnAgCu
Inner Connect
Solder Material
D
MT:5mm straight
taping
MHT:5mm inside
kink taping
10UB:GHT: 7.5mm
straight taping
GJT: 7.5mm
outside kink taping
MJT:5mm outside
kink taping
10UC: MJT: 7.5mm
outside kink taping
Taping
MHT
220
For further information on packaging,
please refer to Appendix C.
dimensions and construction
1
2
3
4
d
F
D
t
øD (max.)*
.276 - .295
(7.0 - 7.5)
.024
(0.6)
.197±.039
(5.0±1.0)
ød
F
Dimensions inches
(mm)
05U
.276 - .374
(9.0 - 9.5)
07U
.472 - .531
(12.0 - 13.5)
.031
(0.8)
.295±.039
(7.5±1.0)
10U
.472
(12.0)
.024
(0.6)
.197±.039
(5.0±1.0)
10UB
.630 - .669
(16.0 - 17.0)
.031
(0.8)
.295±.039
(7.5±1.0)
14U
.91 - .94
(23.0 - 24.0)
.039
(1.0)
.394±.039
(10±1.0)
.169±.232
(4.3 - 5.9)
t (max.)*
.169±.567
(4.3 - 14.4)
.169±.209
(4.3 - 5.3)
.169±.567
(4.3 - 14.4)
.228±.425
(5.8 - 10.8)
20U
Type
Contact KOA Speer
for detailed dimensions.
PMS 300 neg.
Black neg.
New Part #
EU
* D max. and t ma. vary according to the varistor voltage
193
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/21/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:30 PM
Page 191


Similar Part No. - NVD20SCDMJTA

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD20SC10OC KOA-NVD20SC10OC Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD20SC10UB KOA-NVD20SC10UB Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD20SCMHT KOA-NVD20SCMHT Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD20SCMJT KOA-NVD20SCMJT Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD20SCMT KOA-NVD20SCMT Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
More results

Similar Description - NVD20SCDMJTA

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
RFE international
JVR10N180M87 RFE-JVR10N180M87 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 10mm Disc
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR05N180M65Y RFE-JVR05N180M65Y Datasheet
111Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com