Electronic Components Datasheet Search |
|
KC1JTTD120N6N5L Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc. |
|
KC1JTTD120N6N5L Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc. |
8 / 8 page SS-229 R4 Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. PAGE 8 OF 8 KOA SPEER ELECTRONICS, INC. 12. Recommended Soldering Conditions 250 °C 150 °C Preheat 120 Seconds Max. Soldering 3-4 Seconds Max. Natural Cooling Recommended Condition for Flow Soldering 250 °C 150 °C Preheat 180 Seconds Max. Soldering 10 Seconds Max. Natural Cooling Recommended Condition for Reflow Soldering 120 Seconds Min. 230 °C - 250°C 230 °C - 250°C 120 Seconds Min. 250 °C 150 °C Preheat 120 Seconds Max. Soldering 4 Seconds Max. Natural Cooling Recommended Condition for Iron Soldering 220 °C - 250°C 120 Seconds Min. 11. General Information (1) Storage The products must be stored from 10° to 35°C and from 30% to 70% RH before soldering. (2) Soldering In general, ceramics are very sensitive to thermal shocks. Therefore the parts shall not be exposed to a sudden temperature increase, decrease or partial heating. Products shall be pre-heated prior to soldering. The temperature difference between the solder temperature and product temperature does not exceed 130°C. It is desirable that the soldering temperature be kept 240° - 250°C and that soldering time be less than 4 seconds. Flux shall be rosin type. Do not use strong acid type flux. The tip of the soldering iron shall be 20 W or less, 3ƒ or less, and 220° - 250° C. Recommended soldering thermal and time conditions are shown Appendix 2. (3) Mounting After mounting components on the printed circuit board, do not apply stress through board bending or mishandling. |
Similar Part No. - KC1JTTD120N6N5L |
|
Similar Description - KC1JTTD120N6N5L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |