Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2ATTD120N6N5L Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # KC2ATTD120N6N5L
Description  Noise Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2ATTD120N6N5L Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  KC2ATTD120N6N5L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2ATTD120N6N5L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2ATTD120N6N5L Datasheet HTML 3Page - KOA Speer Electronics, Inc. KC2ATTD120N6N5L Datasheet HTML 4Page - KOA Speer Electronics, Inc. KC2ATTD120N6N5L Datasheet HTML 5Page - KOA Speer Electronics, Inc. KC2ATTD120N6N5L Datasheet HTML 6Page - KOA Speer Electronics, Inc. KC2ATTD120N6N5L Datasheet HTML 7Page - KOA Speer Electronics, Inc. KC2ATTD120N6N5L Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SS-229 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 7 OF 8
KOA SPEER ELECTRONICS, INC.
(1) Dimensions of Carrier Tape Cont.
Empty
Top tape
15.75 (400)
6.30 (160)
6.30 (160)
Empty
Tape running direction
A
øD
øC
.079
(2.0
±0.5)
W
øB
2A Embossed carrier
(2AF size: Paper tape)
Embossed
cavity
(2) Reel dimensions
A
B
C
D
E
W (min)
W (max)
KC
7.00 ± 0.78
2.36
0.511 ± 0.02
0.83 ± 0.03
0.079 ± 0.02
0.311 ± 0.059
0.429 ± 0.059
Series
(178 ± 2)
(60 min)
(13 ± 0.5)
(21 ± 0.8)
(2 ± 0.5)
(7.9 ± 1.5)
(10.9 ± 1.5)
Dimensions in inches (mm)
10.2 Construction of Packaging on Continuous Tapes (2AF only)
Packaging of components on continuous tape is complete with
carrier tape for putting components and cover tape for sealing.
Materials
Reel:
Polystyrene
Carrier Tape:
Paper
Top Cover Tape:
Polyester base
Bottom Cover Tape: Paper


Similar Part No. - KC2ATTD120N6N5L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC2ATTE120N6N5L KOA-KC2ATTE120N6N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2ATTE180N13NL KOA-KC2ATTE180N13NL Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2ATTE350N15NL KOA-KC2ATTE350N15NL Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
More results

Similar Description - KC2ATTD120N6N5L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com