Electronic Components Datasheet Search |
|
KC2AFLTD120N6N5L Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc. |
|
KC2AFLTD120N6N5L Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc. |
5 / 8 page Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. PAGE 5 OF 8 SS-229 R4 KOA SPEER ELECTRONICS, INC. Item Requirement Conditions Solderablility More than 95% of the terminal electrode Flux: 25% rosin shall be covered with new solder. Solder: H60A Solder Temp: 235°C ±5°C Dip Time: 2 ±0.5 sec Temperature Cycle* Appearance: No physical damage Repeat the following heat cycle 10 times: Capacitance: Within tolerance Step Temperature Time Dielectric Loss: Within tolerance 1 -40°C ±3°C 30 min ±3 min Insulation Resistance: Within tolerance 2 Room Temp. 15 min max. Withstand Voltage: No abnormality 3 85°C ±2°C 30 min ±3 min 4 Room Temp. 15 min max. High Temperature Appearance: No physical damage Temp: 70°C ±2°C Resistance* Capacitance: Within tolerance Bias: DC25V Dielectric Loss: Within tolerance Bias: DC200mA Insulation Resistance: Within tolerance Test Time: 500 hours Withstand Voltage: No abnormality Humidity Resistance Appearance: No physical damage Temp: 85°C ±2°C (unload)* Capacitance: Within tolerance Humidity: 85% ±5% Dielectric Loss: Within tolerance Test Time: 500 hours Insulation Resistance: Within tolerance Substrate Bending Appearance: No physical damage After soldering a chip to a test substrate, Test Capacitance: Within tolerance bend the substrate by 1 mm and then measure. The substrate is GE4 or based on GE4. Humidity Resistance Appearance: No physical damage Temp: 40°C ±2°C (load)* Capacitance: Within tolerance Humidity: 90% ~ 95% Dielectric Loss: Within tolerance Bias: DC25V Insulation Resistance: Within tolerance Bias: DC200mA Test Time: 500 hours 9. Characteristics Cont. * After Temperature cycle test, High temperature resistance test, Humidity resistance test or Low temperature resistance test, the tested sample should be measured after having left in temperature from 15° to 35°C and relative humidity from 20% to 90% for 24 hours. Weight 20 Displacement Substrate 45 ± 2 45 ± 2 |
Similar Part No. - KC2AFLTD120N6N5L |
|
Similar Description - KC2AFLTD120N6N5L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |