Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN2S03TTEB Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # DN2S03TTEB
Description  diode terminator network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

DN2S03TTEB Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  DN2S03TTEB Datasheet HTML 1Page - KOA Speer Electronics, Inc. DN2S03TTEB Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/21/08
PMS 300 neg.
Black neg.
DN(X)
diode terminator network
features
Fast reverse recovery time
Fast turn on time
Low capacitance
SMD packages
16 kV IEC61000-4-2 capable
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
For further information on packaging, please refer to Appendix A.
dimensions and construction
applications
Signal termination
ESD suppression
Signal conditioning
Transient suppression
L
Die
Pad
Molded
Resin
Bonding
Wire
Si
Wafer
P
Lead
d
W
W
L
Lead
Die
Pad
Molded
Resin
Bonding
Wire
Si
Wafer
p
d
S03
S06
W
L
Lead
Die
Pad
Molded
Resin
Bonding
Wire
Si
Wafer
p
d
S04
W
L
p
Lead
Die
Pad
Molded
Resin
Bonding
Wire
Si
Wafer
d
N08, Q20,
Q24
Package
Code
W ±0.2
L ±0.2
Pins
Dimensions inches
(mm)
3
.115
(2.92)
.091
(2.30)
S03
4
.115
(2.92)
.091
(2.30)
S04
6
.115
(2.92)
.110
(2.80)
S06
Total
Power
225mw
225mw
225mw
p ±0.1
.075
(1.91)
.075
(1.91)
.037
(0.95)
Pkg Ht
±0.2
.037
(0.95)
.037
(0.95)
.037
(0.95)
d ±0.05
.017
(0.43)
.017
(0.43)
.017
(0.43)
8
.190
(4.83)
.236
(5.99)
N08
400mw
.050
(1.27)
.063
(1.60)
.016
(0.41)
20
.341
(8.66)
.236
(5.99)
Q20
24
.341
(8.66)
.236
(5.99)
Q24
1000mw
1000mw
.025
(0.635)
.025
(0.635)
.063
(1.60)
.063
(1.60)
.010
(0.25)
.010
(0.25)
circuit schematic
1
DN2: 20 pins
1
DN3: 6 pins
1
DN4: 4 pins
1
DN5: 24 pins
1
DN6: 8 pins
1
DN7: 24 pins
1
DNA: 20 pins
EU
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:44 PM
Page 5


Similar Part No. - DN2S03TTEB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
DN2S03TTEB KOA-DN2S03TTEB Datasheet
211Kb / 2P
   diode terminator network
More results

Similar Description - DN2S03TTEB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
DNAG20TTEB KOA-DNAG20TTEB Datasheet
211Kb / 2P
   diode terminator network
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
   THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
logo
American Accurate Compo...
TF120650FM AAC-TF120650FM Datasheet
140Kb / 3P
   CHIP TERMINATOR NETWORK - PECL, Fixed, & Power
logo
California Micro Device...
PDN001 CALMIRCO-PDN001 Datasheet
43Kb / 1P
   SCHOTTKY DIODE NETWORK
logo
Comchip Technology
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
   Diode Network / ESD Suppressor
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
   Diode Network / ESD Suppressor
logo
IRC - a TT electronics ...
DNR-QDN001 IRCTT-DNR-QDN001 Datasheet
382Kb / 2P
   Schottky Diode Termination Network
logo
Comchip Technology
CDA4S14L COMCHIP-CDA4S14L Datasheet
68Kb / 1P
   Diode Network / ESD Suppressor
CDA2Q20L COMCHIP-CDA2Q20L Datasheet
108Kb / 1P
   Diode Network / ESD Suppressor
logo
California Micro Device...
PDN003 CALMIRCO-PDN003 Datasheet
32Kb / 1P
   OCTAL SCHOTTKY DIODE NETWORK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com