Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H955CHXX Datasheet(PDF) 1 Page - Hind Rectifiers Limited.

Part # H955CHXX
Description  PHASE CONTROL THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIRECT [Hind Rectifiers Limited.]
Direct Link  http://www.hirect.com
Logo HIRECT - Hind Rectifiers Limited.

H955CHXX Datasheet(HTML) 1 Page - Hind Rectifiers Limited.

  H955CHXX Datasheet HTML 1Page - Hind Rectifiers Limited. H955CHXX Datasheet HTML 2Page - Hind Rectifiers Limited. H955CHXX Datasheet HTML 3Page - Hind Rectifiers Limited. H955CHXX Datasheet HTML 4Page - Hind Rectifiers Limited. H955CHXX Datasheet HTML 5Page - Hind Rectifiers Limited. H955CHXX Datasheet HTML 6Page - Hind Rectifiers Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHASE CONTROL THYRISTOR H955CHXX
Symbol
Characteristics
Conditions
T
J
(0C)
Value
Unit
BLOCKING PARAMETERS
V
RRM
Repetitive peak reverse voltage
125
200-1800
V
V
DRM
Repetitive peak off-stage
voltage
125
200-1800
V
I
RRM
Repetitive peak reverse current
V = V
RRM
125
80
mA
I
DRM
Repetitive peak off-state current
V = V
RRM
125
80
mA
CONDUCTING PARAMETERS
I
F(AV)
Average on-state current
180 sine, 50H
Z,
T
C = 64
0
C
955
A
I
RMS
RMS on-state current
1500
A
I
TSM
Surge on-state current
12.50
kA
I2t
I2t
Sine wave,
10mS without
reverse voltage
125
781
kA2S
V
T
Peak on-state voltage drop
On-state
current = 3kA
125
2
V
V
0
Threshold voltage
125
0.85
V
R
0
On-state slope resistance
125
0.35
TRIGGERING PARAMETERS
I
GT
Gate trigger current
V
D = 5V
25
250
mA
V
GT
Gate trigger voltage
25
2.00
V
I
L
Latching Current
V
D = 5V
25
1000
mA
PG–PEAK
Maximum Peak Gate Power
Pulse width
100μSec
150
W
di/dt
Repetitive rate of rise of current
120
A/μSec
V
FGM
Maximum forward gate voltage
12
V
I
FGM
Maximum forward gate current
50
A
THERMAL & MECHANICAL PARAMETERS
R
TH (J-C)
Thermal impedance, 180
conduction, Sine
Junction to case
0.038
0
C/W
R
TH (C-HK)
Thermal impedance
Case to
heatsink
0.005
0
C/W
T
J
Maximum Permissible junction
temperature
125
0
C
T
STG
Storage temperature range
-40 - 125
0
C
F
Mounting Torque
15
KN
W
Weight
280
gms
H
HIIN
ND
D R
RE
EC
CT
TIIF
FIIE
ER
RS
S L
LT
TD
D
1 of 6


Similar Part No. - H955CHXX

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H950 HUASHAN-H950 Datasheet
190Kb / 2P
   PNP SILICON TRANSISTOR
logo
Hamamatsu Corporation
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
Veris. All Rights Reser...
H952 VERIS-H952 Datasheet
484Kb / 2P
   Current Transducers with Relay:0 to 5 Vdc Analog Output
logo
Hamamatsu Corporation
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H9530-01 HAMAMATSU-H9530-01 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
More results

Similar Description - H955CHXX

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com