Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2AFTTE120N6N5L Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KC2AFTTE120N6N5L
Description  Noise Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2AFTTE120N6N5L Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KC2AFTTE120N6N5L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2AFTTE120N6N5L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2AFTTE120N6N5L Datasheet HTML 3Page - KOA Speer Electronics, Inc. KC2AFTTE120N6N5L Datasheet HTML 4Page - KOA Speer Electronics, Inc. KC2AFTTE120N6N5L Datasheet HTML 5Page - KOA Speer Electronics, Inc. KC2AFTTE120N6N5L Datasheet HTML 6Page - KOA Speer Electronics, Inc. KC2AFTTE120N6N5L Datasheet HTML 7Page - KOA Speer Electronics, Inc. KC2AFTTE120N6N5L Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS-229 R4
AHA 8/05/05
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 8
KOA SPEER ELECTRONICS, INC.
Noise Filters
KC Series
1. Features
I Compact physical dimensions
I Excellent wave reflection control
I Exceptional EMI attenuation
I Excellent as impedance matching for signal lines
I Marking: Brown and black body color with no marking (1J & 2AF)
White and black body color with no marking (2A)
3. Ordering & Specifying Information
Type designation shall be as the following form.
2. Applications
I Clock output signal line
I In/out video signal line for super high resolution
I High speed signal line
I Noise reduction for various signal circuits
Size
Inductance
Value (nH)
Capacitance
Value (pF)
1J
2AF
2A
6.5nH
2 significant
digits + num.
of zeros
2AF
6N5
120
Packaging
TD: 7" paper tape
(1J & 2AF only -
4,000 pieces/reel)
TE: 7" embossed
plastic
(2A only -
2,000 pcs/reel)
TE
Capacitance
Tolerance
N: ±30%
P: ±25%
N
KC
Type
Termination
Material
T: Sn
L: SnPb
T
Inductance
Tolerance
L: ±15%
L
4. Circuit Schematic
1J & 2AF
2A
CERTIFIED
CERTIFIED


Similar Part No. - KC2AFTTE120N6N5L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC2AFTTD151N16N5L KOA-KC2AFTTD151N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD160N3N0L KOA-KC2AFTTD160N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD220N3N0L KOA-KC2AFTTD220N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD331N16N5L KOA-KC2AFTTD331N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD700N8N50L KOA-KC2AFTTD700N8N50L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
More results

Similar Description - KC2AFTTE120N6N5L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com