Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2AFTTD120P6N5L Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KC2AFTTD120P6N5L
Description  Noise Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2AFTTD120P6N5L Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KC2AFTTD120P6N5L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2AFTTD120P6N5L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2AFTTD120P6N5L Datasheet HTML 3Page - KOA Speer Electronics, Inc. KC2AFTTD120P6N5L Datasheet HTML 4Page - KOA Speer Electronics, Inc. KC2AFTTD120P6N5L Datasheet HTML 5Page - KOA Speer Electronics, Inc. KC2AFTTD120P6N5L Datasheet HTML 6Page - KOA Speer Electronics, Inc. KC2AFTTD120P6N5L Datasheet HTML 7Page - KOA Speer Electronics, Inc. KC2AFTTD120P6N5L Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SS-229 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 8
KOA SPEER ELECTRONICS, INC.
Item
Requirement
Conditions
Insulation Resistance
Within the tolerance
Voltage: DC25V
Test Time: 60 sec
Capacitance
Within the tolerance
Frequency: 1MHz
Voltage: 1V
Equipment: HP4192A
Fixture: HP16034E
Inductance
Within the tolerance
Frequency: 1MHz
Current: 10mA
Equipment: HP4192A
Fixture: HP16034E
Resistance
Within the tolerance
Frequency: 1MHz
(2A only)
Current: 10mA
Equipment: HP4192A
Fixture: HP16034E
Capacitance vs.
Variation rate of capacitance in operate
The capacitance shall be measured at each
Temperature
temperature are shown in below.
stage below. The rate shall be calculated
Characteristics
Part
Rate
against the capacitance measured at 20°C
KC2AL120N6NSL
± 10%
Step
Temperature
KC2AL180N13NL
± 10%
1
20°C
KC2AL350N15NL
± 10%
2
-40°C ± 3°C
3
20°C
485°C ± 3°C
Terminal Adhesion
No physical damage
Solder a chip to a test
Strength
substrate and then
laterally apply a load
(5N, 500gf) in the
arrow direction.
Resistance to
Appearance: No physical damage
Flux: 25% rosin
Soldering Heat
Capacitance: Within tolerance
Pre-heating: 120 to 180 sec
Dielectric Loss: Within tolerance
Pre-heating Temp: 150°C to 200°C (1J & 2AF)
Insulation Resistance: Within tolerance
Solder: H60A
Withstand Voltage: No abnormality
Solder Temp: 260°C ±5°C
Dip Time: 5 ±0.5 sec
9. Characteristics
Substrate
Chip
Force
Direction


Similar Part No. - KC2AFTTD120P6N5L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC2AFTTD151N16N5L KOA-KC2AFTTD151N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD160N3N0L KOA-KC2AFTTD160N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
More results

Similar Description - KC2AFTTD120P6N5L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com