Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGM0805ECTTE2212A Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # KGM0805ECTTE2212A
Description  Three Termination Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KGM0805ECTTE2212A Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

  KGM0805ECTTE2212A Datasheet HTML 1Page - KOA Speer Electronics, Inc. KGM0805ECTTE2212A Datasheet HTML 2Page - KOA Speer Electronics, Inc. KGM0805ECTTE2212A Datasheet HTML 3Page - KOA Speer Electronics, Inc. KGM0805ECTTE2212A Datasheet HTML 4Page - KOA Speer Electronics, Inc. KGM0805ECTTE2212A Datasheet HTML 5Page - KOA Speer Electronics, Inc. KGM0805ECTTE2212A Datasheet HTML 6Page - KOA Speer Electronics, Inc. KGM0805ECTTE2212A Datasheet HTML 7Page - KOA Speer Electronics, Inc. KGM0805ECTTE2212A Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SS-227 R2
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 8 OF 8
KOA SPEER ELECTRONICS, INC.
(3) Standard Packing Quantity
Series Name
Quantity
KGM0603 Series
4,000 pcs/reel
KGM0805 Series
4,000 pcs/reel
KGM1206 Series
2,000 pcs/reel
KGM1812 Series
1,000 pcs/reel
10. Soldering
KOA filters have Ag (or Ag-Pd) Ni barrier
terminals, overplated with Sn for use in
either wave or reflow soldering processes.
Ceramics are very sensitive in general to
thermal shock. Therefore KOA filters should
not be exposed to sudden temperature
increases or partial heating.
Prior to soldering, KOA filters shall be
preheated so that the temperature difference
during soldering will be kept within 130°C.
It is desirable that soldering temperature be
kept to 240 ~ 250°C and soldering time be
within 4 seconds.
Flux shall be Rosin type. Do not use strong
acid type fluxes.
The tip of soldering iron should be 20 W.
3 mmø maximum.
The tip of soldering iron should be 220 -
250°C maximum. Care must be taken
not to physically damage the chip through
abnormal contact with soldering irons.
(2) Reel specifications for taping
Series
A
B
C
D
E
W (min)
W (max)
Dimensions in inches (mm)
E
B
W
D
C
A
7.00 ± 0.78
(178 ± 2)
0603
0805
1206
1812
2.36
(60 min)
0.511
.
(13
)
0.83 ± 0.03
(21 ± 0.8)
0.079 ± 0.02
(2 ± 0.5)
0.311 ± 0.059
(7.9 ± 1.5)
0.606 ± 0.059
(15.4 ± 1.5)
0.468 ± 0.059
(11.9 ± 1.5)
+0.5
-0.2
+0.02
-0.008
––––
0.429 ± 0.059
(10.9 ± 1.5)


Similar Part No. - KGM0805ECTTE2212A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM0805ECTTE2201A KOA-KGM0805ECTTE2201A Datasheet
106Kb / 3P
   three-terminal capacitor
KGM0805ECTTE2202A KOA-KGM0805ECTTE2202A Datasheet
106Kb / 3P
   three-terminal capacitor
KGM0805ECTTE2204A KOA-KGM0805ECTTE2204A Datasheet
106Kb / 3P
   three-terminal capacitor
More results

Similar Description - KGM0805ECTTE2212A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KCR1206T1 KOA-KCR1206T1 Datasheet
95Kb / 6P
   Three Termination Capacitor/Resistor EMI Filter for Signal Lines
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
KC1JTTD KOA-KC1JTTD Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
logo
Murata Manufacturing Co...
GRJ31CR72E473KWJ3 MURATA-GRJ31CR72E473KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21AR72E472KWJ1 MURATA-GRJ21AR72E472KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21BR72E153KWJ3 MURATA-GRJ21BR72E153KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J332KWJ1 MURATA-GRJ31BR72J332KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com