Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL32TTE033 Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # KL32TTE033
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTE033 Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  KL32TTE033 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 6 OF 8
TN-100 R3
7-3 Environmental Characteristics *
Item
Requirement
Test Method
Low Temperature
Life Test
Δ L/L: Within ± 5%
Δ Q/Q: Within ± 20%
Store at -55 ± 2°C for 1000 hours.
High Temperature
Life Test
Δ L/L: Within ± 5%
Δ Q/Q: Within ± 30%
Store at 100 ± 2°C for 1000 hours.
Thermal Shock
Δ L/L: Within ± 5%
100 cycles between -55 ± 2°C /
1 hour and +100 ± 2°C / 1 hour.
Temperature
Characteristic
Δ L/L: Within ± 10%
Measure Δ L/L at the temperature of
between -55°C and +100°C as based
on the temperature of 20°C.
Humidity
Δ L/L: Within ± 5%
Δ Q/Q: Within ± 30%
Store at 40 ± 2°C, 90 to 95% RH
for 1000 hours.
Humidity Loading
Test
Δ L/L: Within ± 5%
Δ Q/Q: Within ± 30%
Apply rated current continuously at
40 ± 2°C, 90 to 95% RH for 1000 hours.
High Temperature
Loading Test
Δ L/L: Within ± 5%
Δ Q/Q: Within ± 30%
Apply rated current continuously at
100 ± 2°C for 1000 hours.
Solvent
Resistance
No outstanding damage and
markings can be easily judged
According to MIL-STD-202
Method 215 (1990).
* Unless otherwise specified, at least one hour of recovery under the normal temperature and normal humidity after
the test, followed by the measurement within two hours.
Storage
Temperature Range
-55°C to +100°C
–––
Operating
Temperature Range
-55°C to +100°C
–––


Similar Part No. - KL32TTE033

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE033 KOA-KL32TTE033 Datasheet
266Kb / 2P
   1210 molded wirewound inductor
KL32TTE033 KOA-KL32TTE033 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTE033 KOA-KL32TTE033 Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTE033

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com