Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS0805TTEB150 Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # SDS0805TTEB150
Description  power choke coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDS0805TTEB150 Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  SDS0805TTEB150 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDS0805TTEB150 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDS0805TTEB150 Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDS0805TTEB150 Datasheet HTML 4Page - KOA Speer Electronics, Inc. SDS0805TTEB150 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SDS
power choke coils
239
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/08
SDS1206TTEB681
680
1500
0.40
SDS1206TTEB821
820
1700
0.35
SDS1208TTEB2R5M
2.5
11.4
7.50
SDS1208TTEB4R5M
4.5
14
6.50
SDS1208TTEB6R5M
6.5
18
6.00
SDS1208TTEB100
10
21
5.00
SDS1208TTEB120
12
25
4.80
SDS1208TTEB150
15
36
4.00
SDS1208TTEB180
18
40
3.80
SDS1208TTEB220
22
43
3.50
SDS1208TTEB270
27
48
3.00
SDS1208TTEB330
33
62
2.80
SDS1208TTEB390
39
76
2.50
SDS1208TTEB470
47
85
2.20
SDS1208TTEB560
56
110
2.00
SDS1208TTEB680
68
135
1.80
SDS1208TTEB820
82
150
1.60
SDS1208TTEB101
100
170
1.50
SDS1208TTEB221
220
380
1.10
SDS1208TTEB331
330
650
0.85
SDS1208TTEB471
470
850
0.70
SDS1208TTEB102
1000
1650
0.50
applications and ratings (continued)
K: ±10%
M: ±20%
K: ±10%
Y: ±15%
-20°C to +80°C
-20°C to +80°C
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Inductance
Tolerance
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 44


Similar Part No. - SDS0805TTEB150

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS0805 KOA-SDS0805 Datasheet
325Kb / 5P
   power choke coil
More results

Similar Description - SDS0805TTEB150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMB042T ETC2-PCMB042T Datasheet
627Kb / 1P
   Power choke coils
PCMC135T ETC2-PCMC135T Datasheet
1Mb / 1P
   Power choke coils
PCMB063T ETC2-PCMB063T Datasheet
627Kb / 1P
   Power choke coils
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com