Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL32TTER12 Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # KL32TTER12
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTER12 Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  KL32TTER12 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTER12 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTER12 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL32TTER12 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL32TTER12 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL32TTER12 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL32TTER12 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL32TTER12 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 8
TN-100 R3
7-2 Mechanical Characteristics
Continued
Item
Requirement
Test Method
Drop Test
No significant abnormality in
appearance
Δ L/L: Within ± 3%
Drop from a height of 1 m to the ground
of concrete or tile 1 time.
Vibration
No significant abnormality in
appearance
Δ L/L: Within ± 3%
2 hours in each X, Y and Z directions
on PCB-B (see figure below) at a
frequency range of 10 to 55 to 10 Hz
(1 min.) with 1.5 mm amplitude.
Resistance to
Solder Heat
No significant abnormality in
appearance
Δ L/L: Within ± 3%
Immerse in the solder (H63A)
of 260 ± 5°C for 10 ± 1 sec.
Solderability
Over 95% of electrode surface
shall be covered with solder
Immerse in the solder (H63A)
of 230 ± 5°C for 3 ± 0.5 sec.
Terminal Connection
0.082 (2.08)
2.180 (55.38)
2.436 or more (2.441 to 2.559)
(61.88 or more) (62 to 65)
0.098 (2.5)
0.079 ~ 0.138 (2.0 ~ 3.5)
0.059 (1.5)
0.039 (1.0)
0.110 (2.8)
0.157 (4.0)
0.984 (25.0)
0.276
(7.0)
0.079
(2.0)
0.087
(2.2)
0.118
(3.0)
0.118
(3.0)
0.118 (3.0)
Solder Resist
Adhesive Agent Spreading Area
Thickness: 1.6 mm
Material: Glass Epoxy
Units: inches (mm)


Similar Part No. - KL32TTER12

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTER12 KOA-KL32TTER12 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTER12 KOA-KL32TTER12 Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTER12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com