Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL731HTTB0N6 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KL731HTTB0N6
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731HTTB0N6 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KL731HTTB0N6 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KOA SPEER ELECTRONICS, INC.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 9
TN-200 R7
4. Application and Ratings Continued
Part
Designation
Inductance
(nH)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)
Inductance
Tolerance
250
200
150
120
100
0.50
1.0
4000
3000
25
10
2500
2000
1500
1.50
2.50
4.00
4.50
5.00
1000
600
200
5.6
KL731JTTE5N6*
6.8
KL731JTTE6N8*
8.2
KL731JTTE8N2*
10
KL731JTTE10N*
12
KL731JTTE12N*
15
KL731JTTE15N*
18
KL731JTTE18N*
22
KL731JTTE22N*
27
KL731JTTE27N*
33
KL731JTTE33N*
39
KL731JTTE39N*
47
KL731JTTE47N*
56
KL731JTTE56N*
68
KL731JTTE68N*
82
KL731JTTE82N*
G: ±2%
J: ±5%
* Add tolerance character (B, C, G, J)
C: ±0.2nH
7
10
15
0.10
650
450
350
20
4000
3000
2500
2000
1500
1000
13000
10000
8000
0.15
0.25
6000
5000
1.00
1.50
2.00
3.00
5.00
150
200
500
200
250
300
350
450
5.6
KL731ETTP5N6*
6.8
KL731ETTP6N8*
8.2
KL731ETTP8N2*
10
KL731ETTP10N*
12
KL731ETTP12N*
15
KL731ETTP15N*
18
KL731ETTP18N*
22
KL731ETTP22N*
27
KL731ETTP27N*
33
KL731ETTP33N*
1.0
KL731JTTE1N0*
1.2
KL731JTTE1N2*
1.5
KL731JTTE1N5*
1.8
KL731JTTE1N8*
2.2
KL731JTTE2N2*
2.7
KL731JTTE2N7*
3.3
KL731JTTE3N3*
3.9
KL731JTTE3N9*
4.7
KL731JTTE4N7*
G: ±2%
J: ±5%
0.56
KL731ETTPN56B
0.68
B: ±0.1nH
B: ±0.1nH
C: ±0.2nH
7
10
14000
12000
10000
8000
6000
0.10
0.15
0.20
0.25
0.30
0.50
500
500
550
650
700
KL731ETTPN68B
0.82
1.0
KL731ETTPN82B
KL731ETTP1N0*
1.2
KL731ETTP1N2*
1.5
KL731ETTP1N5*
1.8
KL731ETTP1N8*
2.2
KL731ETTP2N2*
2.7
KL731ETTP2N7*
3.3
KL731ETTP3N3*
3.9
KL731ETTP3N9*
4.7
KL731ETTP4N7*
600
5000


Similar Part No. - KL731HTTB0N6

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731ET KOA-KL731ET Datasheet
133Kb / 4P
   thin film inductor
KL731ETTE47NB KOA-KL731ETTE47NB Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NC KOA-KL731ETTE47NC Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NG KOA-KL731ETTE47NG Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NJ KOA-KL731ETTE47NJ Datasheet
243Kb / 4P
   thin film inductor
More results

Similar Description - KL731HTTB0N6

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com