Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL731HTTB0N6 Datasheet(PDF) 9 Page - KOA Speer Electronics, Inc.

Part # KL731HTTB0N6
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731HTTB0N6 Datasheet(HTML) 9 Page - KOA Speer Electronics, Inc.

  KL731HTTB0N6 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL731HTTB0N6 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
KOA SPEER ELECTRONICS, INC.
TN-200 R7
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 9 OF 9
9. Recommended Washing Condition
Isopropyl alcohol and methyl alcohol used for the
washing process will not affect the part performance.
Ultrasonic cleaning should be changed to condition
for size of printed wiring board and type of oscillator.
Overpowering of ultrasonic cleaning will cause
problems according to resonant
phenomenon. Condition of ultrasonic cleaner should
be confirmed prior to use.
We recommend the following conditions:
Ultrasonic power:
Within 20W/1
Cleaning times:
Within 5 minutes
(2) Reel dimensions
.079
(2
± 0.5)
Marking
place
.511
(13
± 0.5)
.448 (11.4
± 1.5)
2.36
(60
± 2.0)
7.00
(178
± 2.0)
.393 (10
± 1.5)
(Marking item)
(1) Type designation
(2) Nominal inductance
(3) Quantity
(4) Production lot number
(5) Manufacturer's name
Dimensions in inches (mm)
8. Recommended Soldering Condition
8-1 Dimensions of Standard Land
Size
A
B
C
0402 - 1E
.016 ~ .020
.012 ~ .020
.016 ~ .020
(0.4 ~ 0.5)
(0.3 ~ 0.5)
(0.4 ~ 0.5)
0603 - 1J
.031 ~ .039
.016 ~ .031
.016 ~ .031
(0.8 ~ 1.0)
(0.4 ~ 0.8)
(0.4 ~ 0.8)
0805 - 2A
.047 ~ .055
.035 ~ .051
.016 ~ .031
(1.2 ~ 1.4)
(0.9 ~ 1.3)
(0.4 ~ 0.8)
1206 - 2B
.079 ~ .094
.047 ~ .063
.016 ~ .031
(2.0 ~ 2.4)
(1.2 ~ 1.6)
(0.4 ~ 0.8)
Dimensions in inches (mm)
A
C
B
Chip coil
Land
Solder resist
8-2 Soldering Condition
Reflow soldering should be done at 240°C within
20 seconds. Flow soldering should be done at 260°C
within 10 seconds. Please use suitable solder quantity,
too much solder may affect performance of product.
Solder
Solder
Empty
Top tape
5.90 (150
± )
20
0
13.76 (350
± )
20
0
4,000 pieces
11.80 (300
± )
20
0
Empty
Tape running direction
10. Storage
Chip inductors should not be stored under
high temperature and high humidity conditions.
In particular, do not store taping where it is
exposed to heat or direct sunlight. Otherwise,
the packing material may be deformed,
causing problems during mounting.


Similar Part No. - KL731HTTB0N6

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731ET KOA-KL731ET Datasheet
133Kb / 4P
   thin film inductor
KL731ETTE47NB KOA-KL731ETTE47NB Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NC KOA-KL731ETTE47NC Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NG KOA-KL731ETTE47NG Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NJ KOA-KL731ETTE47NJ Datasheet
243Kb / 4P
   thin film inductor
More results

Similar Description - KL731HTTB0N6

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com