Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2ALTE120P6N5L Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KC2ALTE120P6N5L
Description  Noise Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2ALTE120P6N5L Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KC2ALTE120P6N5L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 3Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 4Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 5Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 6Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 7Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 8
SS-229 R4
KOA SPEER ELECTRONICS, INC.
6. Dimension
Item
Specification
Operating temperature range
-25°C ~ +85°C (1J & 2AF) -40°C ~ +85°C (2A)
Storage temperature range
-40°C ~ +85°C (After soldering)
Measuring condition (Standard)
Temperature
15 ~ 35°C
Relative humidity
20 ~ 90%
Measuring condition (Precision)
Temperature
20°C ±1°C
Relative humidity
60 ~ 67%
5. Rating
L
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
N/A
.031±.008
(0.8±0.2)
.016±.012
(0.4±0.3)
.012±.008
(0.3±0.2)
Wt
g
e
f
Dimensions inches (mm)
2AF
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
.02±.006
(0.25±0.15)
.063±.008
(1.6±0.2)
.016±.008
(0.4±0.2)
.004 Min.
(0.1 Min.)
2A
Size
W
t
L
e
g
f
e
W
t
L
e
g
f
e
2A
1J &
2AF
2A
1J & 2AF
.062±.008
(1.6±0.2)
.031±.008
(0.8±0.2)
N/A
.024±.008
(0.6±0.2)
.016±.012
(0.4±0.3)
.008±.006
(0.2±0.15)
1J


Similar Part No. - KC2ALTE120P6N5L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC2AFTTD151N16N5L KOA-KC2AFTTD151N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD160N3N0L KOA-KC2AFTTD160N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD220N3N0L KOA-KC2AFTTD220N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD331N16N5L KOA-KC2AFTTD331N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD700N8N50L KOA-KC2AFTTD700N8N50L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
More results

Similar Description - KC2ALTE120P6N5L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com