Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2ALTE120P6N5L Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KC2ALTE120P6N5L
Description  Noise Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2ALTE120P6N5L Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KC2ALTE120P6N5L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 3Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 4Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 5Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 6Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 7Page - KOA Speer Electronics, Inc. KC2ALTE120P6N5L Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SS-229 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 8
KOA SPEER ELECTRONICS, INC.
Resist
Through Hole
7. Applications and Ratings
8. Pattern design
The land pattern is recommended as follows.
Connect to
ground pattern of
mounting side
Ground
Pattern
Back Side
Chip Mounting Side
Resist
Through Hole
(unit: mm)
1J & 2AF
2A
Part
Designation
Capacitance
(pF)
%
Inductance
(nH)
%
Rated
Voltage
DC (V)
Rated
Current
DC (A)
Insulation
Resistance
Minimum
(M
Ω)
Operating
Temperature
Range
KC1JTTD220P8N0L
KC1JTTD350P8N0L
KC1JTTD550P8N0L
KC2AFLTD151N16N5L
KC2AFLTD700N8N50L
KC2ALTE120N6N5L
KC2ALTE180N13NL
KC2ALTE350N15NL
22 ± 25%
35 ± 25%
55 ± 25%
150 ± 30%
70 ± 30%
12 ± 30%
18 ± 30%
35 ± 30%
16
25
25
8.0 ± 15%
8.0 ± 15%
8.0 ± 15%
16.5 ± 15%
8.5 ± 15%
6.5 ± 15%
13 ± 15%
15 ± 15%
200
200
200
1000
1000
1000
Typical
Cut-off
Frequency
(Att = 3dB)
200 MHz
100 MHz
50 MHz
50 MHz
100 MHz
530 MHz
360 MHz
180 MHz
-25°C to +85°C
-25°C to +85°C
-40°C to +85°C
Item
Specification
-25°C to +85°C (1J & 2AF) -40°C to +85°C (2A)
Operating Temperature Range
-40°C to +85°C (after soldering)
Storage Temperature Range
15°C to 35°C
20 - 90%
Measuring Condition (Standard)
Temperature
Relative Humidity
20°C ± 1°C
60 - 67%
Measuring Condition (Precision)
Temperature
Relative Humidity


Similar Part No. - KC2ALTE120P6N5L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC2AFTTD151N16N5L KOA-KC2AFTTD151N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD160N3N0L KOA-KC2AFTTD160N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD220N3N0L KOA-KC2AFTTD220N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD331N16N5L KOA-KC2AFTTD331N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD700N8N50L KOA-KC2AFTTD700N8N50L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
More results

Similar Description - KC2ALTE120P6N5L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com