Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC1JTTD220P8N0L Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # KC1JTTD220P8N0L
Description  Noise Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC1JTTD220P8N0L Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

  KC1JTTD220P8N0L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC1JTTD220P8N0L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC1JTTD220P8N0L Datasheet HTML 3Page - KOA Speer Electronics, Inc. KC1JTTD220P8N0L Datasheet HTML 4Page - KOA Speer Electronics, Inc. KC1JTTD220P8N0L Datasheet HTML 5Page - KOA Speer Electronics, Inc. KC1JTTD220P8N0L Datasheet HTML 6Page - KOA Speer Electronics, Inc. KC1JTTD220P8N0L Datasheet HTML 7Page - KOA Speer Electronics, Inc. KC1JTTD220P8N0L Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SS-229 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 8 OF 8
KOA SPEER ELECTRONICS, INC.
12. Recommended Soldering Conditions
250
°C
150
°C
Preheat 120
Seconds Max.
Soldering
3-4 Seconds Max.
Natural
Cooling
Recommended Condition
for Flow Soldering
250
°C
150
°C
Preheat 180
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Condition
for Reflow Soldering
120 Seconds Min.
230
°C - 250°C
230
°C - 250°C
120 Seconds Min.
250
°C
150
°C
Preheat 120
Seconds Max.
Soldering
4 Seconds Max.
Natural
Cooling
Recommended Condition
for Iron Soldering
220
°C - 250°C
120 Seconds Min.
11. General Information
(1) Storage
The products must be stored from 10° to 35°C
and from 30% to 70% RH before soldering.
(2) Soldering
In general, ceramics are very sensitive to
thermal shocks. Therefore the parts shall not
be exposed to a sudden temperature increase,
decrease or partial heating.
Products shall be pre-heated prior to soldering.
The temperature difference between the solder
temperature and product temperature does
not exceed 130°C.
It is desirable that the soldering temperature
be kept 240° - 250°C and that soldering time
be less than 4 seconds.
Flux shall be rosin type. Do not use strong
acid type flux.
The tip of the soldering iron shall be 20 W or
less, 3ƒ or less, and 220° - 250° C.
Recommended soldering thermal and time
conditions are shown Appendix 2.
(3) Mounting
After mounting components on the printed
circuit board, do not apply stress through
board bending or mishandling.


Similar Part No. - KC1JTTD220P8N0L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC1JTTD220P8N0L KOA-KC1JTTD220P8N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
More results

Similar Description - KC1JTTD220P8N0L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com