Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL732BTTE22N Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # KL732BTTE22N
Description  Thin Film Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732BTTE22N Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  KL732BTTE22N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732BTTE22N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732BTTE22N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732BTTE22N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL732BTTE22N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL732BTTE22N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL732BTTE22N Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
PAGE 7 OF 7
SS-211 R5
9. Recommended Washing Condition
Isopropyl alcohol and methyl alcohol used for the washing process will not affect the part performance.
Ultrasonic cleaning should be changed to condition for size of printed wiring board and
type of oscillator. Overpowering of ultrasonic cleaning will cause problems according to resonant
phenomenon. Condition of ultrasonic cleaner should be confirmed prior to use.
We recommend the following conditions:
Ultrasonic power: Within 20W/1
Cleaning times:
Within 5 minutes
10. Storage
Chip inductors should not be stored under high temperature and high humidity conditions.
In particular, do not store taping where it is exposed to heat or direct sunlight. Otherwise,
the packing material may be deformed, causing problems during mounting.
(2) Reel dimensions
.079
(2
± 0.5)
Marking
place
.511
(13
± 0.5)
.448 (11.4
± 1.5)
2.36
(60
± 2.0)
7.00
(178
± 2.0)
.393 (10
± 1.5)
(Marking item)
(1) Type designation
(2) Nominal inductance
(3) Quantity
(4) Production lot number
(5) Manufacturer's name
Dimensions in inches (mm)
8. Recommended Soldering Condition
8-1 Dimensions of Standard Land
Size
A
B
C
2B
.079 ~ .094
.047 ~ .063
.016 ~ .031
(2.0 ~ 2.4)
(1.2 ~ 1.6)
(0.4 ~ 0.8)
Dimensions in inches (mm)
A
C
B
Chip coil
Land
Solder resist
8-2 Soldering Condition
Reflow soldering should be done at 240°C
within 20 seconds. Flow soldering should be
done at 260°C within 10 seconds. Please
use suitable solder quantity, too much
solder may affect performance of product.
Solder
Solder
KOA SPEER ELECTRONICS, INC.


Similar Part No. - KL732BTTE22N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732BTTE22N KOA-KL732BTTE22N Datasheet
133Kb / 4P
   thin film inductor
KL732BTTE22N KOA-KL732BTTE22N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732BTTE22N KOA-KL732BTTE22N Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL732BTTE22N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com