Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL731JTTE82N Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KL731JTTE82N
Description  Thin Film Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731JTTE82N Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KL731JTTE82N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731JTTE82N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731JTTE82N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731JTTE82N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL731JTTE82N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL731JTTE82N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL731JTTE82N Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
PAGE 3 OF 7
SS-206 R6
6. Characteristics
6-1 Test Condition
Unless otherwise specified, the standard range of atmospheric
conditions for marking measurements and tests is as follows:
Ambient temperature:
20 ± 15°C
Relative humidity:
65 ± 20%
If there may be any doubt on results, measurements shall be made within the following limits:
Ambient temperature:
20 ± 2°C
Relative humidity:
65 ± 5%
KOA SPEER ELECTRONICS, INC.
6-2 Measurement Method of L and Q
Test equipment:
Hewlett Packard RF Impedance analyzer 4191A
Fixture:
Hewlett Packard Test fixture 16092A
Measuring frequency:
500 MHz/1.0nH ~ 22nH (1.0nH ~ 15nH)
200 MHz/27nH ~ 100nH (18nH ~ 27nH)
1. Perform auto-calibration to the HP4191A .275" (7mm) unknown connector connected to
0
Ω/0S/50Ω standard terminations.
2. Connected the test fixture 16092A.
Measure the open circuit admittance (Go, Bo), and the short circuit impedance (Ro, Xo).
Gm + jBm: Measured admittance [S]
Ro + jXo: Residual impedance [
Ω]
Go + jBo: Stray admittance [S]
Rx + jXx: Unknown impedance [Q]
3. Set pattern up and ground side to direction mark on insulator.
Measure admittance (Gm, Bm).
4. The L and Q value shall be given the following equation. (Compensated calculation)
Gm + j Bm
4191A
Caribration
plane
Ro
Xo
Go
Bo
16092A Spring clip fixture
Coil
Rx
Xx
.118 (3.0)
.039 (1.0)
.055 (1.4)
Spring clip
Grand plane
Terminal
Chip inductor (Face up)
Insulator (Teflon)
Cross section of 16092A
Dimensions of insulator (Teflon)
in inches (mm)
Gm - Go
Rx =- Ro
(Gm - Go) 2+ (Bm - Bo)2
Bo - Bm
Xx =- Xo
(Gm - Go) 2- (Bm - Bo)2
Xx
Xx
L =
,
Q =
2
πfRx
L: Inductance of coil
Q: Quality factor of coil
f: Measuring frequency


Similar Part No. - KL731JTTE82N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731JTTE82N KOA-KL731JTTE82N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
More results

Similar Description - KL731JTTE82N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com