Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGM1206HCTTE4712A Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # KGM1206HCTTE4712A
Description  Three Termination Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KGM1206HCTTE4712A Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  KGM1206HCTTE4712A Datasheet HTML 1Page - KOA Speer Electronics, Inc. KGM1206HCTTE4712A Datasheet HTML 2Page - KOA Speer Electronics, Inc. KGM1206HCTTE4712A Datasheet HTML 3Page - KOA Speer Electronics, Inc. KGM1206HCTTE4712A Datasheet HTML 4Page - KOA Speer Electronics, Inc. KGM1206HCTTE4712A Datasheet HTML 5Page - KOA Speer Electronics, Inc. KGM1206HCTTE4712A Datasheet HTML 6Page - KOA Speer Electronics, Inc. KGM1206HCTTE4712A Datasheet HTML 7Page - KOA Speer Electronics, Inc. KGM1206HCTTE4712A Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 8
SS-227 R2
KOA SPEER ELECTRONICS, INC.
Item
Requirement
Conditions
Terminal Adhesion
No physical damage
Solder a chip to a test
Strength
substrate and then
laterally apply a
load (5N, 500gF) in
the arrow direction.
Soldering Heat
Appearance: No physical damage
Flux: 25% rosin
Resistance
Capacitance: Within tolerance
Pre-heating: 60 sec
Dielectric Loss: Within tolerance
Pre-heating Temp: 150°C
Insulation Resistance: Within tolerance
Solder: H60A
Solder Temp: 260°C ±5°C
Dip Time: 5 ±0.5 sec
Solderablility
More than 95% of the terminal electrode shall
Flux: 25% rosin
be covered with new solder.
Pre-heating: 60 sec
Pre-heating Temp: 150°C
Solder: H60A
Solder Temp: 230°C ±5°C
Dip Time: 4 ±1 sec
Temperature Cycle
Appearance: No physical damage
Repeat the following heat cycle 10 times:
Capacitance: Within tolerance
Step
Temperature
Time
Dielectric Loss: Within tolerance
1
-40°C ±3°C
30 min ±3 min
Insulation Resistance: Within tolerance
2
Room Temp.
15 min max.
3
85°C ±2°C
30 min ±3 min
4
Room Temp.
15 min max.
High Temperature
Appearance: No physical damage
Temp: 70°C ±2°C
Resistance
Capacitance: Within tolerance
Bias: 150% of rated voltage
Dielectric Loss: Within tolerance
Test Time: 1000+48/-0 hour
Insulation Resistance: Within tolerance
Humidity Resistance
Appearance: No physical damage
Temp: 85°C ±2°C
(unload)
Capacitance: Within tolerance
Humidity: 85% ±5%
Dielectric Loss: Within tolerance
Test Time: 500+24/-0 hour
Insulation Resistance: Within tolerance
Vending Substrate
Appearance: No physical damage
After soldering a chip to a test substrate,
Capacitance: Within tolerance
bend the substrate by 1 mm and then measure.
The substrate is GE4
or based on GE4.
8. Characteristics Cont.
Substrate
Chip
Weight
20
Displacement
Substrate
45
± 2
45
± 2


Similar Part No. - KGM1206HCTTE4712A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM1206HCTTE2201A KOA-KGM1206HCTTE2201A Datasheet
106Kb / 3P
   three-terminal capacitor
KGM1206HCTTE2202A KOA-KGM1206HCTTE2202A Datasheet
106Kb / 3P
   three-terminal capacitor
KGM1206HCTTE2204A KOA-KGM1206HCTTE2204A Datasheet
106Kb / 3P
   three-terminal capacitor
More results

Similar Description - KGM1206HCTTE4712A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KCR1206T1 KOA-KCR1206T1 Datasheet
95Kb / 6P
   Three Termination Capacitor/Resistor EMI Filter for Signal Lines
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
KC1JTTD KOA-KC1JTTD Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
logo
Murata Manufacturing Co...
GRJ31CR72E473KWJ3 MURATA-GRJ31CR72E473KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21AR72E472KWJ1 MURATA-GRJ21AR72E472KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21BR72E153KWJ3 MURATA-GRJ21BR72E153KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J332KWJ1 MURATA-GRJ31BR72J332KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com