Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CND2E5ZTTD Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # CND2E5ZTTD
Description  Chip Networks Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CND2E5ZTTD Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  CND2E5ZTTD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CND2E5ZTTD Datasheet HTML 2Page - KOA Speer Electronics, Inc. CND2E5ZTTD Datasheet HTML 3Page - KOA Speer Electronics, Inc. CND2E5ZTTD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 OF 4
SS-217 R2
6-2 Voltage Rating
Resistors shall have a rated direct-current (DC)
continuous working voltage or approximate
sine-wave root-mean-square (R.M.S.) continuous
working voltage at commercial-line frequency and
wave-form corresponding the power rating as
determined from the following formula:
Where: E: Rated Voltage (V)
E=
P • R
P: Power Rating (W)
R: Nominal Resistance (Ω)
However, if the rated voltage thus obtained surpasses the
specified maximum working voltage, it shall be considered
the rated voltage.
6. Environmental Applications
For temperature in excess of 70°C, the load shall be derated
in accordance with the following figure.
KOA SPEER ELECTRONICS, INC.
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. P lease confir m technical specifications before you order and/or use.
Derating Curve
Surface Temperature Rise
100
80
60
40
20
20
40
60
80
100
120
140
160
125
70
Ambient Temperature
(
°C)
0
0
60
50
40
30
20
1/32
1/16
1/10
1/8
(W) Power
0
0
10
CNB2B9Z
CND2A10Y
CND2B10
7. Body Color and Marking
Body Color:
Black
Marking Color: White
10 3
103
Nominal resistance at 3-digit numbers
3-digit numbers
The first and the second numbers show
2 effective numbers, the third number shows
a multiple of 10.
Example:
103
10,000Ω
10kΩ
472
4,700Ω
4.7kΩ
* RCWV = Rated Continuous Working Voltage.
8. Performance
Parameter
Thermal Shock
MIL-STD-202, Method 107, -55°C to +125°C, 5 cycles
±(1.0% + 0.1Ω)
Low Temperature Operation
MIL-R-55342 π 4.7.4, 1 hour @ -55°C followed by 45 minutes of RCWV*
High Temperature Exposure
MIL-R-55342 π 4.7.6, 100 hours @ 125°C
Short Time Overload
MIL-R-55342 π 4.7.5, 2.5 x RCWV for 5 seconds
±(2.0% + 0.05Ω)
Resistance to Solder Heat
MIL-R-55342 π 4.7.7, 260°C for 10 seconds
1.2 Kg for 1 minute
±(1.0% + 0.1Ω)
±(0.5% + 0.05Ω)
Terminal Strength-Push
Terminal Strength-Bend
5mm deflection in either direction for 10 seconds
Moisture Resistance
MIL-STD-202, Method 103, 40°C, 90 - 95% RH, 1000 hours
±5.0%
±1.0%
Life
Dielectric Withstanding Voltage
Pulse
Temperature Cycling
MIL-STD-202, Method 108, 70°C, 1000 hours @ RCWV, 1.5 hr ON, 0.5 hr OFF
2.5 x RCWV, not exceeding max. overload voltage, 1 sec. ON, 25 sec. OFF, 10,000 cycles
30 min. @ -55°C, 15 min. @ +25°C, 30 min. @ +125°C, 15 min. @ +25°C, 5 cycles
15 Grams Minimum
Terminal Adhesion
Axial pull, one terminal at a time
1 minute minimum, MIL-STD-202, Method 301
400V
Insulation Resistance
1,000 MΩ Minimum
Maximum Δ R
Test Method
SS-217 R2
6/4/07
1:29 PM
Page 3


Similar Part No. - CND2E5ZTTD

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2047 UMS-CND2047 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-99F/00 UMS-CND2047-99F/00 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAF/20 UMS-CND2047-DAF/20 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
120Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results

Similar Description - CND2E5ZTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J4AT KOA-CN1J4AT Datasheet
90Kb / 4P
   Chip Networks Resistors
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
logo
Rohm
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com