Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL732ATTE3N9 Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # KL732ATTE3N9
Description  Thin Film Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732ATTE3N9 Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  KL732ATTE3N9 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732ATTE3N9 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732ATTE3N9 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732ATTE3N9 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL732ATTE3N9 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL732ATTE3N9 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL732ATTE3N9 Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
PAGE 6 OF 7
SS-210 R5
Dimensions in inches (mm)
7-3 Characteristics (continued)
Humidity
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction.
Insulation resistance:
more than 50M
40 ± 2°C, 90 ~ 95% RH
1,000 ± 4 hours
Item
Requirement
Test Method
Resistance to
solvent
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance, construction
and marking
Immerse 30 ± 5 seconds in the regent
(20 ~ 25°C) of JIS K 8839 (1995)
8. Packaging
8-1 Taping
The tapes for taping shall be embossed carrier tapes of .315" (8 mm) width
and .157" (4 mm) pitches. The standard quantity per reel shall be 4,000 pieces.
(1) Dimensions of carrier tape
.157
(4.0
± 0.1)
.059
(1.5
± 0.1)
.079 (2.0
± 0.1)
.069
(1.75
± 0.1)
.138
(3.5
±
0.05)
.315
(8.0
± 0.2)
.057
(1.45
± 0.15)
Direction of mark
Tape running direction
.037
(0.95
± 0.1)
.010
(0.25
± 0.1)
.157 (4.0
± 0.1)
.094
(2.4
±
0.2)
Empty
Top tape
5.90 (150
± )
20
0
13.76 (350
± )
20
0
4,000 pieces
11.80 (300
± )
20
0
Empty
Tape running direction
KOA SPEER ELECTRONICS, INC.


Similar Part No. - KL732ATTE3N9

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732ATTE3N9 KOA-KL732ATTE3N9 Datasheet
133Kb / 4P
   thin film inductor
KL732ATTE3N9 KOA-KL732ATTE3N9 Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732ATTE3N9 KOA-KL732ATTE3N9 Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL732ATTE3N9

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com