Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL32TTE2R7 Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # KL32TTE2R7
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTE2R7 Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  KL32TTE2R7 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTE2R7 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTE2R7 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL32TTE2R7 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL32TTE2R7 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL32TTE2R7 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL32TTE2R7 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL32TTE2R7 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 7 OF 8
TN-100 R3
8-1 Taping
The tapes for taping shall be embossed carrier tapes of .315" (8 mm) width and .157" (4 mm)
pitch. The standard quantity per reel shall be 2,000 pieces.
(1) Dimensions of carrier tape
Dimensions in inches (mm)
8. Packaging
A
.140 (3.55 ± 0.10)
B
.106 (2.70 ± 0.10)
W
.315 (8.00 ± 0.10)
E
.069 (1.75 ± 0.10)
F
.138 (3.50 ± 0.05)
T
1
.106 (2.70 ± 0.15)
T
2
.011 (0.28 ± 0.05)
P
0
.157 (4.00 ± 0.10)
P
1
.157 (4.00 ± 0.10)
P
2
.079 (2.00 ± 0.05)
øD*
.059 (1.50 ± 0.10)
øD
1
.039 (1.00 ± 0.2 0)
The top tape requires a peel-off force
of 15 to 60 gf.
P1
øD
P2
E
F
W
B
Direction of mark
Tape running direction
T1
T2
P0
A
øD1
Empty
Top tape
Empty
Tape running direction
Blank portions
300 mm or more
Chip cavity
Blank portions
230 mm or more
Leader
270 mm or more
Beginning
End
0.1
0
0.2
0
* 20 pitches accumulation of sprocket
holes shall be 80.00 ± 0.15 mm.
(2) Reel dimensions
0.079
(2.0
± 0.5)
Marking
place
0.512
(13
± 0.2)
0.449 (11.4
± 1.0)
2.362
(60
± )
7.087
(180
± )
0.354 (9.0
± 0.3)
0.413
(R10.5
± 0.4)
0
3
1
0
(Marking item)
(1) Type designation
(2) Nominal inductance and tolerance
(3) Quantity
(4) Production lot number
(5) Manufacturer's name
Dimensions in inches (mm)


Similar Part No. - KL32TTE2R7

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE2R7 KOA-KL32TTE2R7 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTE2R7 KOA-KL32TTE2R7 Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTE2R7

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com