Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KQ0603TTE6N8 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTE6N8
Description  Chip Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTE6N8 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KQ0603TTE6N8 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTE6N8 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTE6N8 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTE6N8 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTE6N8 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0603TTE6N8 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS-214 R8
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 6
KOA SPEER ELECTRONICS, INC.
6. Test Conditions
Unless otherwise specified, the test shall be performed
at the temperature of 20 ± 15°C and at a relative humidity
of 65 ± 20%.
Reverse test conditions shall be performed at the temperature
of 20 ± 2°C and at a relative humidity of 65 ± 5%.
5.1 Measurement Method
Nominal Inductance
Measuring
Range
Test Equipment
Fixture
Setup
Frequency
1.6 nH to 1200 nH
4291A RF
16193A
E.L = 1.4 cm
Listed
Impedance analyzer
Test fixture
OSC = 500 mV
Table-1
7. Reliability Tests
Item
Requirement
Test Methods
Dielectric withstanding
No evidence of flaming,
5 seconds at AC 500 V applied
voltage
fuming, or breakdown
between both terminals and film.
Insulation resistance
1000M
Ω and over
1 minute at DC 100 V measured
between both terminals and film.
Flammability
IEC 695-2-2
Withstands needle-flame test.
7.1 Electrical Characteristics
Part
Designation
L
Measuring
Frequency
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Marking
Nominal
Inductance
(nH)
Inductance
Tolerance
7
140
1.97
540
680
KQ0603TTER68*
50
50
8
110
3.09
490
820
KQ0603TTER82*
J: ±5%
K: ±10%
30
9
90
5.13
440
1000
KQ0603TTE1R0*
0
80
5.45
400
1200
KQ0603TTE1R2*
4. Standard Applications (continued)
Item
Specification
Storage temperature range
-40°C ~ +100°C
Operating temperature range
-40°C ~ +125°C
5. Rating


Similar Part No. - KQ0603TTE6N8

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0603TTE6N8 KOA-KQ0603TTE6N8 Datasheet
277Kb / 7P
   highQinductor
More results

Similar Description - KQ0603TTE6N8

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com