Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXXHN20 Datasheet(PDF) 5 Page - Hind Rectifiers Limited.

Part # SXXHN20
Description  Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIRECT [Hind Rectifiers Limited.]
Direct Link  http://www.hirect.com
Logo HIRECT - Hind Rectifiers Limited.

SXXHN20 Datasheet(HTML) 5 Page - Hind Rectifiers Limited.

  SXXHN20 Datasheet HTML 1Page - Hind Rectifiers Limited. SXXHN20 Datasheet HTML 2Page - Hind Rectifiers Limited. SXXHN20 Datasheet HTML 3Page - Hind Rectifiers Limited. SXXHN20 Datasheet HTML 4Page - Hind Rectifiers Limited. SXXHN20 Datasheet HTML 5Page - Hind Rectifiers Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rectifier Diode SXXHN/HR20
Ordering Information: -
S
XX
HN / HR
20
Hirect make Rectifier
Diode
VRRM = XX * 100
e.g.12 * 100 =1200V
HN – Normal Polarity
HR – Reverse Polarity
IF(AV) = 20A
Hind Rectifiers Ltd reserves the right to change the specifications without
notice.
This datasheet specifies technical information for semiconductor devices but
promises no characteristics. No warranty or guarantee expressed or implied
is made regarding delivery, performance or suitability.
Hind Rectifiers Ltd
Lake Road
Bhandup (West)
Mumbai – 400 078
Tel: - +91 22 2596 8027/28/29/31
Fax: - +91 22 2596 4114
E-mail: - marketing@hirect.com
Website: - www.hirect.com
June-2008
H
H II N
N D
D R
R E
E C
C T
T II F
F II E
E R
R S
S L
L T
T D
D
5 of 5


Similar Part No. - SXXHN20

ManufacturerPart #DatasheetDescription
logo
Hind Rectifiers Limited...
SXXHN250 HIRECT-SXXHN250 Datasheet
71Kb / 5P
   Rectifier Diode
SXXHN26 HIRECT-SXXHN26 Datasheet
70Kb / 5P
   Rectifier Diode
More results

Similar Description - SXXHN20

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com